Electronic Components Datasheet Search
  English  ▼

X  

TLE49SRP8 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE49SRP8
Description  Stray field robust angle sensor with PWM/SENT/SPC interface XENSIV™ magnetic position sensors
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE49SRP8 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE49SRP8 Datasheet HTML 10Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 11Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 12Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 13Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 14Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 15Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 16Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 17Page - Infineon Technologies AG TLE49SRP8 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
4.2
Electrical characteristics
Table 15
Electrical characteristics
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Power-on time
tPON
2
-
198
ms
time until the sensor is ready for operation after
start-up or reset; configurable with a resolution
of 192µs steps
Internal clock
tolerance
Δfclock -3.5 - 3.5 % includingtemperatureandlifetime
4.3
External circuitry for PG-TDSO-8
Table 16
External circuitry for PG-TDSO-8
Parameter
Symbol
Values
Unit
Note or condition
Min.
Typ.
Max.
Line capacitor
CL
-
-
1.3
nF
for SENT/SPC protocol according configured unit
time between 0.75µs and 1µs
Line capacitor
CL
-
-
2.2
 
nF
for SENT/SPC protocol according configured unit
time between 1.05µs and 2µs
Line capacitor
CL
-
-
3.9
 
nF
for SENT/SPC protocol according configured unit
time between 2.05µs and 3µs
Supply
capacitance
CS
-
100
-
nF
TDSO-8
Capacitance at
CBUF
CBUF
57.8
68
78.2
nF
TDSO-8
Pull-Up resistor
PWM
RPU_PWM
-
50
-
k
Ω TDSO-8,forPWMprotocolstartingwithfalling
edge
Pull-down
resistor PWM
RPD_PWM
-
50
-
k
Ω TDSO-8,forPWMprotocolstartingwithrising
edge
Pull-Up resistor
SENT
RP_SENT
10
-
55
k
Ω TDSO-8,forSENTprotocol
Pull-Up resistor
SPC
RP_SPC
1.45
2.2
10
k
Ω TDSO-8,forSPCprotocolaccordingconfigured
unit time
TLE49SR
Datasheet
4 Product features
Datasheet
14
Rev. 1.1.1
2024-03-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com