Electronic Components Datasheet Search
  English  ▼

X  

MPQ28164GD Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ28164GD
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ28164GD Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ28164GD Datasheet HTML 1Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 2Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 3Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 4Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 5Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 6Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 7Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 8Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MPQ28164 – SINGLE-INDUCTOR, BUCK-BOOST CONVERTER W/ 4.2A SWITCHES
MPQ28164 Rev. 1.0
www.MonolithicPower.com
3
11/13/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
On/off control. Pull EN high to enable the MPQ28164. Pull EN low or leave EN
floating to disable all of the internal circuits. EN is pulled down to AGND with a
1.5MΩ
resistor internally.
2
MODE/SYNC
Operation mode selection. If MODE/SYNC is low, the MPQ28164 switches between
PSM and fixed frequency PWM automatically according to the load level. If
MODE/SYNC is
high,
the
MPQ28164
works
in
fixed-frquency PWM mode
continuously. An external clock can be applied to MODE/SYNC for switching
frequency synchronization. MODE/SYNC is pulled down to AGND with a
1MΩ resistor
internally. MODE/SYNC should be pulled high or low through a resistor smaller than
10kΩ.
3
PG
Power good indicator. PG switches high and low based on the feedback voltage.
4
VCC
Supply voltage for control stage. VCC is powered by the higher value of either VIN
or VOUT. Decouple VCC with a
1μF capacitor.
5
AGND
Signal ground.
6
FB
Output voltage feedback. Keep FB and its associated traces far away from noise
sources like SW.
7
VOUT
Buck-boost converter output. An output capacitor should be placed close to VOUT
and PGND.
8
SW2
Switch. Internal switches are connected to SW2. Connect an inductor between SW1
and SW2.
9
PGND
Power ground.
10
SW1
Switch. Internal switches are connected to SW1. Connect an inductor between SW1
and SW2.
11
VIN
Supply voltage for the power stage.
ABSOLUTE MAXIMUM RATINGS (1)
VIN to GND .......................................-0.3V to 6V
SW1/2 to GND .................. -0.3V (-2V for <10ns)
to 6.5V (8.5V for <10ns)
All other pins .....................................-0.3V to 6V
Junction temperature ................................150°C
Lead temperature .....................................260°C
Continuous power dissipation (TA = +25°C)
(2)
QFN-11 (2mmx3mm) ............................... 1.78W
Storage temperature ................ -65
C to +150C
Recommended Operating Conditions
(3)
Startup supply voltage (VST)............1.8V to 5.5V
Operation voltage (VIN) ...............1.2V
(4) to 5.5V
Output voltage (VOUT) .........................1.5V to 5V
Operating junction temp. (TJ)... -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN-11 (2mmx3mm).............. 70 ...... 15... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) If VCC is powered from a source higher than 1.8V (such as
VOUT), the MPQ28164 can work down to VIN = 1.2V, but the
load capability is lower because of the high RDS(ON) of SWA
and low current limit.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com