Electronic Components Datasheet Search
  English  ▼

X  

MPQ28164GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ28164GD
Description  High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ28164GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ28164GD Datasheet HTML 1Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 2Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 3Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 4Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 5Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 6Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 7Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 8Page - Monolithic Power Systems MPQ28164GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MPQ28164
High-Efficiency, Single-Inductor,
Buck-Boost Converter with 4.2A Switches
MPQ28164 Rev. 1.0
www.MonolithicPower.com
1
11/13/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The
MPQ28164
is
a
high-efficiency,
low-
quiescent current, buck-boost converter that
operates from an input voltage above, equal to,
or below the output voltage. The MPQ28164
provides
a
compact
solution
for
products
powered by one-cell Lithium-ion or multi-cell
alkaline batteries where the output voltage is
within the battery voltage range.
The MPQ28164 uses current-mode control with
a fixed PWM frequency for optimal stability and
transient response. The fixed 2MHz switching
frequency and integrated low RDS(ON) MOSFETs
minimize the solution footprint while maintaining
high efficiency.
To ensure the longest possible battery life, the
MPQ28164 uses an optional pulse-skipping
mode that reduces the switching frequency
under light-load conditions. For other low-noise
applications where pulse-skipping mode may
cause interference, a high-logic input on the
MODE/SYNC pin guarantees fixed-frequency
PWM operation under all load conditions.
The MPQ28164 operates with an input voltage
from 1.2V to 5.5V to provide an adjustable
output voltage from 1.5V to 5V. With an input
from 2.5V to 5.5V, the device can supply 2A of
current to the load with a 3.3V output voltage.
The MPQ28164 is available in a small QFN-11
(2mmx3mm) package.
FEATURES
 1.8V Minimum Start-Up Input Voltage
 1.2V to 5.5V Input Work Range
 1.5V to 5V Output Range
 4.2A Switching Current Limit
 3.3V/2A Load Capability from a 2.5V to 5.5V
Input Supply
 2MHz Fixed or External Synchronous
Switching Frequency
 Selectable PSM and PWM Mode
 Typical 25μA Quiescent Current
 High Efficiency up to 95%
 Load Disconnect during Shutdown
 Internal Soft Start (SS) and Compensation
 Power Good Indicator
 Hiccup Mode for Short-Circuit Protection
(SCP)
 Over-Temperature Protection (OTP)
 Available in a Small QFN-11 (2mmx3mm)
Package
APPLICATIONS
 Battery-Powered Devices
 Portable Instruments
 Tablet PCs
 Super-Cap Chargers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
SW1
SW2
L1 1µH
VIN
VCC
EN
MODE/SYNC
VOUT
FB
PG
AGND
PGND
C1
22µF
VIN
C3
1µF
C2
22µFx2
VOUT=3.3V
R1
560kΩ
R2
100kΩ


Similar Part No. - MPQ28164GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ28261 MPS-MPQ28261 Datasheet
606Kb / 20P
21V, 3A, 500kHz Synchronous Step-Down Coverter
MPQ28261DL MPS-MPQ28261DL Datasheet
606Kb / 20P
21V, 3A, 500kHz Synchronous Step-Down Coverter
MPQ28261DL MPS-MPQ28261DL Datasheet
343Kb / 6P
21V, 3A 500kHz Synchronous Step-down Converter EV Board
More results

Similar Description - MPQ28164GD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63030 TI-TPS63030 Datasheet
1Mb / 23P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020 TI-TPS63020 Datasheet
1Mb / 22P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
TPS63020 TI-TPS63020_1 Datasheet
1Mb / 24P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 4-A SWITCHES
TPS63030 TI1-TPS63030_12 Datasheet
1Mb / 25P
HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
logo
Intersil Corporation
ISL91108 INTERSIL-ISL91108 Datasheet
387Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
November 12, 2014
logo
Monolithic Power System...
MP28163 MPS-MP28163 Datasheet
1Mb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.9A Switches
MP28164 MPS-MP28164 Datasheet
1Mb / 20P
High-Efficiency, Single-Inductor, Buck-Boost Converter with 4.2A Switches
MP2155 MPS-MP2155 Datasheet
900Kb / 18P
High Efficiency Single Inductor Buck-Boost Converter with 2.2A Switches
logo
Renesas Technology Corp
ISL91108 RENESAS-ISL91108 Datasheet
577Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com