Electronic Components Datasheet Search
  English  ▼

X  

MIC2975X Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2975X
Description  High-Current Low Dropout Regulators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2975X Datasheet(HTML) 4 Page - Microchip Technology

  MIC2975X Datasheet HTML 1Page - Microchip Technology MIC2975X Datasheet HTML 2Page - Microchip Technology MIC2975X Datasheet HTML 3Page - Microchip Technology MIC2975X Datasheet HTML 4Page - Microchip Technology MIC2975X Datasheet HTML 5Page - Microchip Technology MIC2975X Datasheet HTML 6Page - Microchip Technology MIC2975X Datasheet HTML 7Page - Microchip Technology MIC2975X Datasheet HTML 8Page - Microchip Technology MIC2975X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MIC2915X/30X/50X/75X
DS20005685A-page 4
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings † (Note 1)
Input Supply Voltage (VIN) (Note 1)............................................................................................................. –20V to +60V
Enable Input Voltage (VEN) ........................................................................................................................... –0.3V to VIN
Power Dissipation...................................................................................................................................Internally Limited
ESD Rating ............................................................................................................................................................ Note 2
Operating Ratings‡
Maximum Operating Input Voltage ............................................................................................................................+26V
† Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice:
The device is not guaranteed to function outside its operating ratings.
Note 1:
Maximum positive supply voltage of 60V must be of limited duration (<100 ms) and duty cycle (≤1%). The
maximum continuous supply voltage is 26V. Exceeding the absolute maximum rating may damage the
device.
2:
Devices are ESD sensitive. Handling precautions recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com