Electronic Components Datasheet Search
  English  ▼

X  

MIC2975X Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC2975X
Description  High-Current Low Dropout Regulators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2975X Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC2975X Datasheet HTML 4Page - Microchip Technology MIC2975X Datasheet HTML 5Page - Microchip Technology MIC2975X Datasheet HTML 6Page - Microchip Technology MIC2975X Datasheet HTML 7Page - Microchip Technology MIC2975X Datasheet HTML 8Page - Microchip Technology MIC2975X Datasheet HTML 9Page - Microchip Technology MIC2975X Datasheet HTML 10Page - Microchip Technology MIC2975X Datasheet HTML 11Page - Microchip Technology MIC2975X Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MIC2915X/30X/50X/75X
DS20005685A-page 8
 2016 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS (Note 1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Storage Temperature Range
TS
–65
—
+150
°C
—
Operating Junction Temperature
TJ
–40
—
+125
°C
—
Lead Temperature
—
—
—
+260
°C
Soldering, 5 sec.
Package Thermal Resistance
Thermal Resistance TO-220
θJC
—2
—
°C/W
—
Thermal Resistance TO-263
θJC
—2
—
°C/W
—
Thermal Resistance TO-247
θJC
—1.5
—
°C/W
—
Thermal Resistance TO-252
θJC
—3
—
°C/W
—
Thermal Resistance TO-252
θJA
—56
—
°C/W
—
Note 1:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com