| Electronic Components Datasheet Search |
|
MSS1507 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp |
|
|
|||||||||||||||||||||||||||||
MSS1507 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp |
|
1 / 39 page ![]() 1/39 PID247*** 09/96 Features •\؇ °G Single power supply can operate at 2.4 V through 6.0 V. Current output can drive 8 ohm speaker with a transistor. The voice content can be separated to 32 sections. Duration of each section can be different and is multiples of 100 h. Duration of sections with appended memory-less mute is up to 21.8 seconds (20000h). 3 straight trigger pins are provided TGA, TGB, TGC. Each cross can access a sentence. 4 x 4 matrix trigger crosses are provided by RW1-4, K1-4. Each cross can access a sentence. Each sentence is composed of one or more sections. Lower key priority is provided for straight inputs and matrix cross inputs. Last key priority is provided for straight inputs. First key priority is provided for 4x4 crosses. Up to 512 table entries for all 32 sentences. Auto ramp up / ramp down & sleep functions are built in. INT(interrupt) function is provided. OKY function is provided optionally chipwise. Play all OKY is provided optionally chipwise. Random Play OKY is provided optionally chipwise. Playnext OKY is provided optionally chipwise. Continuous S.W.A.I. OKY is provided optionally chipwise. Home S.W.A.I. OKY is provided optionally chipwise. 5 output pins are provided. 20 ms debounce is provided. Sink LED is provided. Off LED when Playing audio is provided optionally entrywise. Slow Ring flash LED when playing audio is provided optionally entrywise. Dynamic flash LED when playing audio is provided optionally entrywise. Slow fix flash LED when playing audio is provided optionally entrywise. On LED when playing audio is provided optionally entrywise. High busy when playing audio is provided optionally entrywise. Low busy when playing audio is povided optionally entrywise. DC high (when playing audio and lasts to next trigger) is provided optionally entrywise. DC low(when playing audio and lasts to next trigger) is provided optionally entrywise. Low Stop after playing audio is provided optionally entrywise. High Stop after playing audio is provided optionally entrywise. OKY's sentences could be different from those from TGS'. 8 loudness levels are provided entrywise. 8 different pitches are provided entrywise. Edge trigger is provided optionally triggerwise. Level trigger is provided optionally triggerwise. Holdable output by TG is provided optionally triggerwise. Retriggerrable TG by itself is provided optionally triggerwise. Retriggerrable TG by others is provided optionally triggerwise. High trigger is provided optionally triggerwise. Low trigger is provided optionally triggerwise. ≥ʧ@§uß@πq¿£¨∞2.4•ÒØS°„6.0•ÒØS°C •i•H¬«¥ π≈ȱ¿∞ 8º⁄©i≥‚•z°C §T§Q§G¨q¡n ≠µ§∫Æe,®C¨q™¯´◊•i§£¶P°A§T§Q§G¨q§∫Æe¡`™¯´◊¶p¶∏≠∂©“•‹¨Ìº∆°A®C¨qªy≠µ±a¿R≠µÆ…∂°™¯´◊•iπF2 •i•H©Ò•X§T§Q§G•y ∏‹°A®C•y∏‹•i•H•—§W≠±§T§Q§G≠”¨q•Ù∑N≤’¶®°A¶πªy≠µIC≥öh•i©Ò•X512¨q¡n≠µ°C ≥öh¶≥§≠≠”µo•˙§G∑•≈ÈøÈ•X∏}°C ≥öh¶≥§≠≠”ªy≠µ≤◊§Ó´H∏πøÈ•X∏}°C ≥öh¶≥§≠≠”¶£∏L´H∏πøÈ•X∏}°C ≥ô·ƒ≤µo¡‰¶≥ƃ°AøÈ•X®√¶≥¶¤∞ Ωw™@Ωw≠∞°C ¶¤ ∞ ∂i§J¨Ÿπq™¨∫A°C •i ≥zπL•˙±”πq™˝≤£•Õƒ≤µo´H∏π°C OZ•i ≥zπL•˙∏nøÔæ‹°]•“°^§G∑•≈ȧ£´G°]§A°^§G∑•≈È∫C≥t∞{´G°]§˛°^§G∑•≈È∫C≥t∞{´G≠À´G °]§B°^§G∑•≈È¿H¡n∞{´G°]•≥°^§G∑•≈È∫C≥t¥`¿Ù°]§v°^§G∑•≈È∫C≥t¥`¿Ù≠À¨¤°]©∞°^§G∑•≈ȬI´G °]®Ø°^•ø¶Vªy≠µ≤◊§Ó´H∏π°]§–°^ßC¶Vªy≠µ≤◊§Ó´H∏π°]¨—°^´ÌßC¶V°]§l°^´Ì•ø¶V°]§°°^ßC¶V¶£∏L´H∏π° °]±G°^•ø¶V¶£∏L´H∏π °COY•ÁµM°COX•ÁµM°COW•ÁµM°COS•ÁµM°C§≠∏}•i•H§¿ßOøÔ°Cµ ≥Ê¡‰©Ò≠µ•i•H≥zπL•˙∏nøÔæ‹©Ò≠µ≤ƒ1®Ï≤ƒ32•y©Œ¨O≤ƒ17®Ï≤ƒ32•y°C •i•HøÔæ‹®C•y ∏‹®C¨q¡n≠µ™∫≠µ∂q°A§K∂•°C •i•HøÔæ‹®C•y ∏‹®C¨q¡n≠µ™∫ß÷∫C°A§K∂•°C ≥Ê¡‰≥v§@©Ò≠µ§§©|¶≥∂∂ß«§£≥Q¥°¬_§Œ¥°¬_´·∂∂ß«¬kπs®‚∫ÿøÔæ‹°C ®C ≠”ƒ≤µo¡‰•i¶U¶¤øW•fl≥zπL•˙∏nøÔæ‹°C °]•“°^πq•≠ƒ≤µo©Œ¨O√‰Ωtƒ≤µo°C °]§A°^ßQ•Œƒ≤µo´H∏π§ß™¯µu¥x±±ªy≠µøÈ•X§ß∞±ªPß_©Œ¨O§£≠n°C °]§˛°^•i•H≥Q´·¨qª\±º©Œ¨O§£≠n°C °]§B°^∞™πq¶ÏøÈ§J¶≥ƃ©Œ¨OßCπq¶Ï°C ®‰•L•\؇ Ω–∏‘•ª•Û•L≥Bª°©˙°C MSS0307/S0607/S0907/S1207/S1507/S1807 3"/ 6"/ 9"/ 12" / 15" / 18" VOICE ROM MOSEL VITELIC INC. Specifications subject to change without notice, contact your sales representatives for the most recent information. September 1996 (Preliminary) |
Similar Part No. - MSS1507 |
|
Similar Description - MSS1507 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |