Electronic Components Datasheet Search
  English  ▼

X  

MSS1507 Datasheet(PDF) 11 Page - Mosel Vitelic, Corp

Part # MSS1507
Description  3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS1507 Datasheet(HTML) 11 Page - Mosel Vitelic, Corp

Back Button MSS1507 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS1507 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS1507 Datasheet HTML 9Page - Mosel Vitelic, Corp MSS1507 Datasheet HTML 10Page - Mosel Vitelic, Corp MSS1507 Datasheet HTML 11Page - Mosel Vitelic, Corp MSS1507 Datasheet HTML 12Page - Mosel Vitelic, Corp MSS1507 Datasheet HTML 13Page - Mosel Vitelic, Corp MSS1507 Datasheet HTML 14Page - Mosel Vitelic, Corp MSS1507 Datasheet HTML 15Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11/39
t ONL
t T
t T
t TB
t RMU
t RMD
t PL
t VB
t BS
t STP
t P
t R
Timing
Description
LED turn on time (slow)
Trigger Pulse width (fast)
Trigger Pulse width (normal)
Lag from trigger to busy start
Ramp up width
Ramp down width
Plain width behind sound
Lag from voice end to busy end
Lag from busy end to stop start
Stop pulse width
Power Rise up time
Power ripple width
Min.
Typ.
Max.
Unit
Remark
SRD
SRD
SRD
SRD
SRD
SRD
SRD
SRD
SRD
SRD
ms
us
ms
ms
ms
ms
ms
ms
ms
ms
ms
ms
-
-
21
-
-
-
-
-
-
-
-
-
340
-
-
20
20
20
40
0
0
40
-
-
-
-
-
-
-
-
-
-
-
-
1
1
AC Characteristics at 6000 Hz S.R.
RW3
RW4
OZ
OY
OX
COUT
OW
OS
V2
V1
RW2
RW1
K1
K2
K3
K4
NC
Vdd
TGA/OKY
TGB
TGC/INT
Rosc
Vss
COB Information I
Silk screen & copper print
COB model number : MVI-P28
15 mm
10
5
0
Legend
Copper pad
Chip covered
SRD : Sample Rate Dependent
PID247*** 09/96
MSS0307/S0607/S0907/S1207/S1507/S1807
MOSEL VITELIC INC.
Specifications subject to change without notice, contact your sales representatives for the most recent information.
(Preliminary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com