Electronic Components Datasheet Search
  English  ▼

X  

AT9173 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AT9173
Description  Bus Termination Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT9173 Datasheet(HTML) 2 Page - Analog Microelectronics

  AT9173 Datasheet HTML 1Page - Analog Microelectronics AT9173 Datasheet HTML 2Page - Analog Microelectronics AT9173 Datasheet HTML 3Page - Analog Microelectronics AT9173 Datasheet HTML 4Page - Analog Microelectronics AT9173 Datasheet HTML 5Page - Analog Microelectronics AT9173 Datasheet HTML 6Page - Analog Microelectronics AT9173 Datasheet HTML 7Page - Analog Microelectronics AT9173 Datasheet HTML 8Page - Analog Microelectronics AT9173 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AME, Inc.
2
Rev. C.04
AT9173
Bus Termination Regulator
n Function Block Diagram
n Typical Application(Contd.)
C7
4.7uF
C3
0. 1uF
C4
470uF
R1
100 KO
R3
100KO
1
2
3
4
6
7
8
VIN
GND
REFEN
VOUTL
NC
VCNTL
NC
NC
AT9173E
SOP-8/PP
AT9173 E-SOP 8 / PP
C5
470uF
DDR_ VTT
1 .25V/2A
5
VCC_ 3.3V
DDR_2. 5V
VIN
VCNTL
Thermal
&
Over Current
Protection Circuit
+
-
VOUT
VCNTL
REFEN
GND
Thermal
Sensor
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com