Electronic Components Datasheet Search
  English  ▼

X  

AT9173 Datasheet(PDF) 13 Page - Analog Microelectronics

Part # AT9173
Description  Bus Termination Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT9173 Datasheet(HTML) 13 Page - Analog Microelectronics

Back Button AT9173 Datasheet HTML 9Page - Analog Microelectronics AT9173 Datasheet HTML 10Page - Analog Microelectronics AT9173 Datasheet HTML 11Page - Analog Microelectronics AT9173 Datasheet HTML 12Page - Analog Microelectronics AT9173 Datasheet HTML 13Page - Analog Microelectronics AT9173 Datasheet HTML 14Page - Analog Microelectronics AT9173 Datasheet HTML 15Page - Analog Microelectronics AT9173 Datasheet HTML 16Page - Analog Microelectronics AT9173 Datasheet HTML 17Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AME, Inc.
Rev. C.04
13
AT9173
Bus Termination Regulator
n Operation Waveforms DDR2
Load Transient Response
V
IN=1.8V, VCNTL=3.3V
V
REF is 0.9V supplied by a regulator
C
OUT=1000uF/35V
I
OUT slew rate = +-0.25A/mS
Load Transient Response
V
IN=1.8V, VCNTL=3.3V
V
REF is 0.9V supplied by a regulator
C
OUT=1000uF/35V
I
OUT slew rate = +-0.25A/mS
+ 0 A
→ + 1.5 A→ + 0 A
+ 0 A→ + 2 A→+ 0 A
Ch1= VOUT,Ch4= IOUT
Ch1= VOUT ,Ch4= IOUT
- 0 A→ - 1.5 A→ - 0 A
- 0 A→ - 2 A→ - 0 A
Ch1= VOUT, Ch4 = IOUT
Ch1= VOUT, Ch4 = IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com