Electronic Components Datasheet Search
  English  ▼

X  

CY7C4255 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CY7C4255
Description  8K/16K x 18 Deep Sync FIFOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4255 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CY7C4255 Datasheet HTML 13Page - Cypress Semiconductor CY7C4255 Datasheet HTML 14Page - Cypress Semiconductor CY7C4255 Datasheet HTML 15Page - Cypress Semiconductor CY7C4255 Datasheet HTML 16Page - Cypress Semiconductor CY7C4255 Datasheet HTML 17Page - Cypress Semiconductor CY7C4255 Datasheet HTML 18Page - Cypress Semiconductor CY7C4255 Datasheet HTML 19Page - Cypress Semiconductor CY7C4255 Datasheet HTML 20Page - Cypress Semiconductor CY7C4255 Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
CY7C4255
CY7C4265
Document #: 38-06004 Rev. *C
Page 17 of 22
Width Expansion Configuration
The CY7C4255/65 can be expanded in width to provide word
widths greater than 18 in increments of 18. During width
expansion mode all control line inputs are common and all
flags are available. Empty (Full) flags should be created by
ANDing the Empty (Full) flags of every FIFO; the PAE and PAF
flags can be detected from any one device. This technique will
avoid reading data from, or writing data to the FIFO that is
“staggered” by one clock cycle due to the variations in skew
between RCLK and WCLK. Figure 1 demonstrates a 36-word
width by using two CY7C4255/65s.
Figure 1. Block Diagram of 8K x18/16K x 18 Synchronous FIFO Memory Used in a Width Expansion Configuration
FF
FF
EF
EF
WRITE CLOCK (WCLK)
WRITE ENABLE (WEN)
LOAD (LD)
PROGRAMMABLE(PAE)
HALF FULL FLAG (HF)
FULL FLAG (FF)
7C4255
7C4265
18
36
DATA IN (D)
RESET (RS)
18
RESET (RS)
READ CLOCK (RCLK)
READ ENABLE (REN)
OUTPUT ENABLE (OE)
PROGRAMMABLE (PAF)
EMPTY FLAG (EF)
18
DATA OUT (Q)
18
36
FIRST LOAD (FL)
WRITE EXPANSION IN (WXI)
READ EXPANSION IN (RXI)
7C4255
7C4265



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com