Electronic Components Datasheet Search
  English  ▼

X  

MAX35101 Datasheet(PDF) 52 Page - Analog Devices

Part # MAX35101
Description  Time-to-Digital Converter with Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX35101 Datasheet(HTML) 52 Page - Analog Devices

Back Button MAX35101 Datasheet HTML 48Page - Analog Devices MAX35101 Datasheet HTML 49Page - Analog Devices MAX35101 Datasheet HTML 50Page - Analog Devices MAX35101 Datasheet HTML 51Page - Analog Devices MAX35101 Datasheet HTML 52Page - Analog Devices MAX35101 Datasheet HTML 53Page - Analog Devices MAX35101 Datasheet HTML 54Page - Analog Devices MAX35101 Datasheet HTML 55Page - Analog Devices MAX35101 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Table 22. Interrupt Status Register
Status Register Descriptions
Table 21. Real-Time Clock Register (continued)
BIT
NAME
DESCRIPTION
3:2
AM[1:0]
Alarm Control: The MAX35101 contains a time-of-day alarm. The alarm is activated when either
the AM1 or AM2 bits are set. When the RTC’s hours or minutes value increments to a value equal
to the alarm settings in Alarm registers, the AF bit in the Interrupt Status register is set and the
INT device pin is asserted (if enabled) and remains asserted until the Interrupt Status register is
accessed by the microprocessor with a read register command.
AM1
AM0
ALARM FUNCTION
0
0
No alarm
0
1
Alarm when minutes match
1
0
Alarm when hours match
1
1
Alarm when hours and minutes match
1
WF
Watchdog Flag: This bit is set when the watchdog counter reaches zero. This bit must be written
to a zero to clear the bit. Writing this bit to a zero when the WDO pin is asserted low releases the
WDO pin to its inactive high-impedance state.
0
WD_EN
Watchdog Enable:
1 = Watchdog timer is enabled.
0 = Watchdog time is disabled, and the WDO pin is high impedance.
WRITE OPCODE
Read Only
READ OPCODE
FEh
FLASH STORED
No
DEFAULT VALUE
0000h
Bit
15
14
13
12
11
10
9
8
Name
TO
AF
X
TOF
TE
LDO
TOF_
EVTMG
TEMP_
EVTMG
Bit
7
6
5
4
3
2
1
0
Name
FLASH
CAL
HALT
CSWI
INIT
POR
X
X
Note: This register is read only and bits are self-clearing upon a read to this register. See the Device Interrupt Operations section
for more information.
BIT
NAME
DESCRIPTION
15
TO
Timeout: The TO bit is set if any one of the t1, t2, Hit1 through Hit6, or temperature measure-
ments do not occur within the associated timeout window.
14
AF
Alarm Flag: Set when the RTC’s hours or minutes value increments to a value equal to the alarm
settings in Alarm registers.
13
X
Reserved
MAX35101
Time-to-Digital Converter with Analog Front-End
www.maximintegrated.com
Maxim Integrated │ 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com