Electronic Components Datasheet Search
  English  ▼

X  

MAX35101 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX35101
Description  Time-to-Digital Converter with Analog Front-End
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX35101 Datasheet(HTML) 2 Page - Analog Devices

  MAX35101 Datasheet HTML 1Page - Analog Devices MAX35101 Datasheet HTML 2Page - Analog Devices MAX35101 Datasheet HTML 3Page - Analog Devices MAX35101 Datasheet HTML 4Page - Analog Devices MAX35101 Datasheet HTML 5Page - Analog Devices MAX35101 Datasheet HTML 6Page - Analog Devices MAX35101 Datasheet HTML 7Page - Analog Devices MAX35101 Datasheet HTML 8Page - Analog Devices MAX35101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
(Voltages relative to ground.)
Voltage Range on VCC Pins.................................-0.5V to +4.0V
Voltage Range on All Other Pins
(not to exceed 4.0V)............................. -0.5V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +70°C)
TQFP (derate 27.80mW/ºC above +70°C)...........2222.20mW
Operating Temperature Range........................... -40°C to +85°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -55°C to +125°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
ESD Protection (All Pins, Human Body Model) ..................±2kV
TQFP
Junction-to-Ambient Thermal Resistance (θJA) ..........36°C/W
Junction-to-Case Thermal Resistance (θJC).....................4°C/W
(Note 1)
(VCC = 2.3V to 3.6V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = 3.0V and TA = +25°C.) (Notes 2, 3)
(TA = -40°C to +85°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
2.3
3.0
3.6
V
Input Logic 1
(RST, CSW, SCK, DIN, CE)
VIH
VCC x 0.7
VCC + 0.3
V
Input Logic 0
(RST, CSW, SCK, DIN, CE)
VIL
-0.3
VCC x 0.3
V
Input Logic 1 (32KX1)
VIH32KX1
VCC x 0.85
VCC + 0.3
V
Input Logic 0 (32KX1)
VIL32KX1
-0.3
VCC x 0.15
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage
(CSW, RST, SCK, DIN, CE)
IL
-0.1
+0.1
µA
Output Leakage
(INT, WDO, T1,T2,T3,T4)
-0.1
+0.1
µA
Output Voltage Low (32KOUT)
VOL32K
2mA
0.2 x VCC
V
Output Voltage High (32KOUT)
VOH32K
-1mA
0.8 x VCC
V
Output Voltage High
(DOUT, CMP_OUT/UP_DN)
VOH
-4mA
0.8 x VCC
V
Output Voltage High (TC)
VOHTC
VCC = 3.3V, IOUT = -4mA
2.9
3.1
V
MAX35101
Time-to-Digital Converter with Analog Front-End
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com