Electronic Components Datasheet Search
  English  ▼

X  

MP8801 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8801
Description  6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8801 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8801 Datasheet HTML 1Page - Monolithic Power Systems MP8801 Datasheet HTML 2Page - Monolithic Power Systems MP8801 Datasheet HTML 3Page - Monolithic Power Systems MP8801 Datasheet HTML 4Page - Monolithic Power Systems MP8801 Datasheet HTML 5Page - Monolithic Power Systems MP8801 Datasheet HTML 6Page - Monolithic Power Systems MP8801 Datasheet HTML 7Page - Monolithic Power Systems MP8801 Datasheet HTML 8Page - Monolithic Power Systems MP8801 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP8801
– 150MA, LOW-NOISE, LOW-DROPOUT LINEAR REGULATOR
MP8801 Rev. 2.0
MonolithicPower.com
5
7/19/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ (6)
Max
Units
Operating voltage
IOUT = 1mA
2.7
6.5
V
Ground pin current
IOUT = 1mA to 150mA
125
150
μA
Shutdown current
VEN = 0V, VIN = 5V
0.1
1
μA
FB regulation
Adjustable
1.197
1.222
1.246
V
-40°C
≤ TA ≤ 85°C
1.194
1.222
1.249
Output voltage accuracy
2.5V
2.45
2.5
2.55
V
-40°C
≤ TA ≤ 85°C
2.448
2.5
2.562
2.85V
2.793
2.85
2.907
V
-40°C
≤ TA ≤ 85°C
2.779
2.85
2.921
3.3V
3.234
3.3
3.366
V
-40°C
≤ TA ≤ 85°C
3.218
3.3
3.382
Dropout voltage (7)
IOUT = 150mA
VOUT = 3V
150
mV
VOUT = 4V
125
Line regulation
IOUT = 1mA,
VIN = (VOUT + 0.5V) to 6.5V (8)
0.005
%/V
Load regulation
IOUT = 1mA to 150mA,
VIN = VOUT + 0.5V (8)
0.001
%/mA
PSRR
VIN > VOUT + 0.5V, C3 = 2.2
μF,
VIN (AC) = 100mV, f = 1kHz (6)
70
dB
VIN > VOUT +0.5V, C3 = 2.2
μF,
VIN (AC) = 100mV, f = 1MHz (6)
30
dB
Output voltage noise
f = 1kHz, C2 > 0.1
μF, IOUT = 1mA (6)
300
nV/√Hz
EN input high voltage
1.5
V
EN input low voltage
0.4
V
EN input bias current
VEN = 0V, 5V
0.01
1
μA
Thermal shutdown threshold (6)
155
°C
Thermal shutdown hysteresis (6)
30
°C
Notes:
6) Derived from bench characterization. Not tested in production.
7) The dropout voltage is defined as the input to output differential once VOUT drops below 1% of its normal value.
8) VIN = 2.7V for VOUT = 1.25V to 2.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com