Electronic Components Datasheet Search
  English  ▼

X  

MP8801 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8801
Description  6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8801 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8801 Datasheet HTML 1Page - Monolithic Power Systems MP8801 Datasheet HTML 2Page - Monolithic Power Systems MP8801 Datasheet HTML 3Page - Monolithic Power Systems MP8801 Datasheet HTML 4Page - Monolithic Power Systems MP8801 Datasheet HTML 5Page - Monolithic Power Systems MP8801 Datasheet HTML 6Page - Monolithic Power Systems MP8801 Datasheet HTML 7Page - Monolithic Power Systems MP8801 Datasheet HTML 8Page - Monolithic Power Systems MP8801 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP8801
6.5V, 150mA, Low-Noise,
Low-Dropout Linear Regulator
MP8801 Rev. 2.0
MonolithicPower.com
1
7/19/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MP8801 is a low-noise, low-dropout linear
regulator. It operates from a 2.7V to 6.5V input
voltage (VIN) and regulates the output voltage
(VOUT) with 2% accuracy at 2.5V, 2.85V or 3.3V.
The internally set VOUT can be overridden via an
external resistor divider from 1.25V to 5V.
The MP8801 can supply up to 150mA of load
current. It also features thermal shutdown, and
is available in a TSOT23-5 package.
FIXED VOLTAGE PART NUMBERS
Part Number
Output Voltage
MP8801DJ-2.5
2.5V
MP8801DJ-2.85
2.85V
MP8801DJ-3.3
3.3V
EVALUATION BOARD
REFERENCE
Board Number Output (1)
Dimensions
EV8801DJ-00A
2.85V
2.0”Xx2.0”Yx0.4”Z
Note:
1)
The default VOUT can be set between 1.25V and 5V via an
external resistor divider.
FEATURES
 Low 100mV Dropout at 100mA Output
 2% Accurate Output Voltage (V
OUT)
 Fixed V
OUT Options of 2.5V, 2.85V, or 3.3V
 Adjustable V
OUT from 1.25V to 5V via an
External Resistor Divider
 Up to 6.5V Input Voltage (V
IN)
 High PSRR: 70dB at 1kHz and 30dB at
1MHz
 More than 0.001%/mA Load Regulation
 Stable with Low-ESR Output Capacitor
 Low 125μA Ground Current
 Thermal Shutdown
APPLICATIONS
 802.11 PC Cards
 Mobile Handset PLL Power
 Audio Codec Power
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION


Similar Part No. - MP8801

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801DJ-2.85 MPS-MP8801DJ-2.85 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
More results

Similar Description - MP8801

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
Low Noise Low Dropout, 150mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
150mA Low-Noise Low-Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
150mA Low-Noise, Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com