Electronic Components Datasheet Search
  English  ▼

X  

CD74HC597 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC597
Description  High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC597 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC597 Datasheet HTML 1Page - Texas Instruments CD74HC597 Datasheet HTML 2Page - Texas Instruments CD74HC597 Datasheet HTML 3Page - Texas Instruments CD74HC597 Datasheet HTML 4Page - Texas Instruments CD74HC597 Datasheet HTML 5Page - Texas Instruments CD74HC597 Datasheet HTML 6Page - Texas Instruments CD74HC597 Datasheet HTML 7Page - Texas Instruments CD74HC597 Datasheet HTML 8Page - Texas Instruments CD74HC597 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
SHCP Pulse Width
tW
2
80
-
-
100
-
-
120
-
-
ns
4.5
16
-
-
20
-
-
24
-
-
ns
614
-
-
17
-
-
20
-
-
ns
STCP Pulse Width
tW
260
-
-
75
-
-
90
-
-
ns
4.5
12
-
-
15
-
-
18
-
-
ns
610
-
-
13
-
-
15
-
-
ns
MR Pulse Width
tW
2
80
-
-
100
-
-
120
-
-
ns
4.5
16
-
-
20
-
-
24
-
-
ns
614
-
-
17
-
-
20
-
-
ns
PL Pulse Width
tW
2
70
-
-
90
-
-
105
-
-
ns
4.5
14
-
-
18
-
-
21
-
-
ns
612
-
-
15
-
-
18
-
-
ns
STCP to SHCP Setup
Time
tSU
2
100
-
-
125
-
-
150
-
-
ns
4.5
20
-
-
25
-
-
30
-
-
ns
617
-
-
21
-
-
26
-
-
ns
DS to SHCP Setup Time
Dn to STCP Setup Time
tSU
250
-
-
65
-
-
75
-
-
ns
4.5
10
-
-
13
-
-
15
-
-
ns
6
9
-
-
11
-
-
13
-
-
ns
STCP to SHCP Setup
Time
tH
20
-
-
0
-
-
0
-
-
ns
4.5
0
-
-
0
-
-
0
-
-
ns
60
-
-
0
-
-
0
-
-
ns
DS to SHCP Hold Time
Dn to STCP Hold Time
tH
23
-
-
3
-
-
3
-
-
ns
4.5
3
-
-
3
-
-
3
-
-
ns
63
-
-
3
-
-
3
-
-
ns
MR to SHCP Removal
Time
tREM
23
-
-
3
-
-
3
-
-
ns
4.5
3
-
-
3
-
-
3
-
-
ns
63
-
-
3
-
-
3
-
-
ns
HCT TYPES
SHCP Frequency
fMAX
4.5
25
-
-
20
-
-
16
-
-
MHz
SHCP Pulse Width
tW
4.5
20
-
-
25
-
-
30
-
-
ns
STCP Pulse Width
tW
4.5
13
-
-
16
-
-
20
-
-
ns
MR Pulse Width
tW
4.5
18
-
-
23
-
-
27
-
-
ns
PL Pulse Width
tW
4.5
16
-
-
20
-
-
24
-
-
ns
STCP to SHCP Setup
Time
tSU
4.5
24
-
-
30
-
-
36
-
-
ns
Prerequisite for Switching Specifications (Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
CD54HC597, CD74HC597, CD74HCT597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com