Electronic Components Datasheet Search
  English  ▼

X  

CD74HC597 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC597
Description  High-Speed CMOS Logic 8-Bit Shift Register with Input Storage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC597 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC597 Datasheet HTML 2Page - Texas Instruments CD74HC597 Datasheet HTML 3Page - Texas Instruments CD74HC597 Datasheet HTML 4Page - Texas Instruments CD74HC597 Datasheet HTML 5Page - Texas Instruments CD74HC597 Datasheet HTML 6Page - Texas Instruments CD74HC597 Datasheet HTML 7Page - Texas Instruments CD74HC597 Datasheet HTML 8Page - Texas Instruments CD74HC597 Datasheet HTML 9Page - Texas Instruments CD74HC597 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
DS to SHCP Setup Time
Dn to STCP Setup Time
tH
4.5
10
-
-
13
-
-
15
-
-
ns
STCP to SHCP Hold Time
tH
4.5
0
-
-
0
-
-
0
-
-
ns
DS to SHCP Hold Time
Dn to STCP Hold Time
tH
4.5
3
-
-
3
-
-
3
-
-
ns
MR to SHCP Removal
Time
tREM
4.5
10
-
-
13
-
-
15
-
-
ns
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oCto85oC -55oC to 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay
tPLH, tPHL
CL = 50pF
2
-
-
175
-
220
-
265
ns
SHCP to Q7
4.5
-
-
35
-
44
-
53
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
PL to Q7
tPLH, tPHL
CL = 50pF
2
-
-
200
-
250
-
300
ns
4.5
-
-
40
-
50
-
60
ns
CL =15pF
5
-
17
-
-
-
-
-
ns
CL = 50pF
6
-
-
34
-
43
-
51
ns
STCP to Q7
tPLH, tPHL
CL = 50pF
2
-
-
240
-
300
-
360
ns
4.5
-
-
48
-
60
-
72
ns
CL =15pF
5
-
20
-
-
-
-
-
ns
CL = 50pF
6
-
-
41
-
51
-
61
ns
MR to Q7
tPLH, tPHL
CL = 50pF
2
-
-
175
-
220
-
265
ns
4.5
-
-
35
-
44
-
53
ns
CL =15pF
5
-
14
-
-
-
-
-
ns
CL = 50pF
6
-
-
30
-
37
-
45
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CI
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation
Capacitance, (Notes 3, 4)
CPD
-
5
-
13.5
-
-
-
-
-
pF
HCT
Propagation Delay
tPLH, tPHL
SHCP to Q7
CL = 50pF
4.5
-
-
38
-
48
-
57
ns
CL = 15pF
5
-
16
-
-
-
-
-
ns
PL to Q7
tPLH, tPHL
CL = 50pF
4.5
-
-
48
60
72
ns
CL = 15pF
5
-
20
-
-
-
-
-
ns
STCP to Q7
tPLH, tPHL
CL = 50pF
4.5
-
-
56
70
84
ns
CL = 15pF
5
-
23
-
-
-
-
-
ns
Prerequisite for Switching Specifications (Continued)
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
CD54HC597, CD74HC597, CD74HCT597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com