Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISB014V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISB014V2
Description  Battery monitor with alarm output for gas gauge applications based on the STC3115
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISB014V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISB014V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISB014V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISB014V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISB014V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
December 2013
DocID025626 Rev 1
1/4
STEVAL-ISB014V2
Battery monitor with alarm output for
gas gauge applications based on the STC3115
Data brief
Features
• 0.25% accuracy battery voltage monitoring
• Coulomb counter and voltage-mode gas gauge
operations
• Robust initial open-circuit-voltage (OCV)
measurement at power-up with debounce
delay
• Low battery level alarm output with
programmable thresholds
• Internal temperature sensor
• Battery swap detection
• Low power
– 45 µA in power-saving mode
– 2 µA max in standby mode
• 1.4 x 2.0 mm 10-bump CSP package
• RoHS compliant
Description
The STEVAL-ISB014V2 product evaluation board
is based on the STC3115. This device includes
the hardware functions required to implement a
low-cost gas gauge for battery monitoring. It uses
current sensing, Coulomb counting and accurate
battery voltage measurements to estimate the
state-of-charge (SOC) of the battery. An internal
temperature sensor simplifies implementation of
temperature compensation.
An alarm output signals a low SOC condition and
can also indicate low battery voltage. The alarm
threshold levels are programmable.
The STC3115 offers advanced features to ensure
high performance gas measurement in all
application conditions.
The STEVAL-ISB014V2 evaluation board is
suitable for portable medical equipment, mobile
phones, multimedia players and digital cameras.
www.st.com


Similar Part No. - STEVAL-ISB014V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISB011V1 STMICROELECTRONICS-STEVAL-ISB011V1 Datasheet
148Kb / 4P
Li-ion battery monitoring system demonstration board based on the STC3100 and STM32
15-Mar-2010
STEVAL-ISB012V1 STMICROELECTRONICS-STEVAL-ISB012V1 Datasheet
903Kb / 6P
Battery monitoring system demonstration board based on the STC3105
23-Nov-2011
STEVAL-ISB013V1 STMICROELECTRONICS-STEVAL-ISB013V1 Datasheet
77Kb / 4P
Battery monitor demonstration board with alarm output for gas gauge applications based on the STC3105
14-Nov-2011
STEVAL-ISB018V1 STMICROELECTRONICS-STEVAL-ISB018V1 Datasheet
425Kb / 4P
Evaluation board for STCC5021 USB charging controller with attach detection
04-Mar-2014
STEVAL-ISB019V1 STMICROELECTRONICS-STEVAL-ISB019V1 Datasheet
422Kb / 4P
Evaluation board for STCC2540 USB charging controller
04-Mar-2014
More results

Similar Description - STEVAL-ISB014V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
Battery monitor IC with Coulomb counter/gas gauge
27-Jan-2009
STEVAL-ISB006V1 STMICROELECTRONICS-STEVAL-ISB006V1 Datasheet
147Kb / 4P
Dual USB/wall adapter Li-Ion battery charger with gas gauge demonstration board based on the STw4102
27-Nov-2008
STEVAL-ISB009V1 STMICROELECTRONICS-STEVAL-ISB009V1 Datasheet
91Kb / 4P
Li-Ion battery monitoring and gas-gauge demonstration board based on the STC3100
05-Nov-2010
STEVAL-ISB013V1 STMICROELECTRONICS-STEVAL-ISB013V1 Datasheet
77Kb / 4P
Battery monitor demonstration board with alarm output for gas gauge applications based on the STC3105
14-Nov-2011
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3105IQT STMICROELECTRONICS-STC3105IQT Datasheet
326Kb / 23P
Battery monitor IC with alarm output for gas gauge applications
07-Sep-2011
AN3064 STMICROELECTRONICS-AN3064 Datasheet
301Kb / 15P
Using the STC3100 battery monitor for gas gauge applications
19-Oct-2009
UM1054 STMICROELECTRONICS-UM1054 Datasheet
310Kb / 10P
STEVAL-ISB013V1 demonstration board based on the STC3105 battery monitor IC with alarm output for gas gauge applications
05-Dec-2011
STC3117 STMICROELECTRONICS-STC3117 Datasheet
839Kb / 34P
Gas gauge IC with battery charger control for handheld applications
19-Jan-2015
logo
uPI Group Inc.
UG3105 UPI-UG3105 Datasheet
393Kb / 25P
1-Cell Battery Monitor Gas Gauge IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com