Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISB014V2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISB014V2
Description  Battery monitor with alarm output for gas gauge applications based on the STC3115
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISB014V2 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISB014V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISB014V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISB014V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISB014V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-ISB014V2
2/4
DocID025626 Rev 1
1
Schematic diagram
Figure 1. STEVAL-ISB014V2 circuit schematic
SCL
SDA
CG+
220nF
C2
Rcg
10m
ALM
1uF
VCC
C1
R1
0
VIN
Rup1
4.7k
Rup2
4.7k
Rup3
4.7k
VCC
A1
ALM
B1
SDA
C1
SCL
C3
RSTIO
CG
D3
B
BATD
VIN
A3
U1
STC3115_CSP
9
8
7
6
5
4
3
2
1
10
P1
9
8
7
6
5
4
3
2
1
10
Header 10
Header 10
P2
ALM
SDA
SCL
GND
CG+
VIN
VCC
RSTIO
RSTIO
BATD
BATD
VCC
Rup4
1M
Rup5
4.7k
R2
1k
R3
1k
R4
1k
AM17541v1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com