Electronic Components Datasheet Search
  English  ▼

X  

STR-K660P Datasheet(PDF) 1 Page - Sony Corporation

Part # STR-K660P
Description  SERVICE MANUAL
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

STR-K660P Datasheet(HTML) 1 Page - Sony Corporation

  STR-K660P Datasheet HTML 1Page - Sony Corporation STR-K660P Datasheet HTML 2Page - Sony Corporation STR-K660P Datasheet HTML 3Page - Sony Corporation STR-K660P Datasheet HTML 4Page - Sony Corporation STR-K660P Datasheet HTML 5Page - Sony Corporation STR-K660P Datasheet HTML 6Page - Sony Corporation STR-K660P Datasheet HTML 7Page - Sony Corporation STR-K660P Datasheet HTML 8Page - Sony Corporation STR-K660P Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
SERVICE MANUAL
Sony Corporation
Audio Group
Published by Sony Engineering Corporation
US Model
FM STEREO FM-AM RECEIVER
9-879-446-01
2005C1678-1
© 2005.03
Ver. 1.0 2005.03
SPECIFICATIONS
STR-K675P
• STR-K675P is the tuner and the amplifier
section in HT-DDW675.
Manufactured under license from Dolby Laboratories.
“Dolby”, “Pro Logic” and the double-D symbol are trademarks
of Dolby Laboratories.
“DTS” and “DTS Digital Surround” are registered trademarks of
Digital Theater Systems, Inc.
AUDIO POWER SPECIFICATIONS
POWER OUTPUT AND TOTAL HARMONIC
DISTORTION:
(Models of area code US only)
With 6 ohm loads, both channels driven, from
120 – 20,000 Hz; rated 70 watts per channel
minimum RMS power, with no more than 0.7%
total harmonic distortion from 250 milliwatts to
rated output.
Amplifier section
Power Output1)
(6 ohms 1 kHz, THD 10%)
FRONT2):
110 W/ch
CENTER2):
110 W
SURR2):
110 W/ch
FM tuner section
Tuning range
87.5 - 108.0 MHz
Antenna
FM wire antenna
Antenna terminals
75 ohms, unbalanced
Intermediate frequency
10.7 MHz
AM tuner section
Tuning range
With 10-kHz tuning scale: 530 - 1,710 kHz3)
With 9-kHz tuning scale: 531 - 1,710 kHz3)
Antenna
Loop antenna
Intermediate frequency
450 kHz
3) You can change the AM tuning scale to 9 kHz or
10 kHz. After tuning in any AM station, turn off the
receiver. While holding down PRESET TUNING +
or TUNING +, press ?/1. All preset stations will be
erased when you change the tuning scale. To reset
the scale to 10 kHz (or 9 kHz), repeat the procedure.
1) Measured under the following conditions:
2) Depending on the sound field settings and the
source, there may be no sound output.
Inputs (Analog)
Inputs (Digital)
Output (Analog)
Reproduction frequency range:
28 – 20,000 Hz
Tone
120 V AC, 60 Hz
SA-CD/CD, DVD
VIDEO 1, 2
Sensitivity: 800 mV
Impedance: 50 k ohms
DVD (Coaxial)
Sensitivity: –
Impedance: 75 ohms
SA-CD/CD (Optical)
Sensitivity: –
Impedance: –
SUB WOOFER
Voltage: 2 V
Impedance: 1 k ohm
Gain levels
±6 dB, 1 dB step
General
Power requirements
120 V AC, 60 Hz
Power consumption
Power consumption (during standby mode)
0.2 W
Dimensions (w/h/d) (Approx.)
430
× 145 × 301.5 mm
(17
× 5 6/8 × 11 7/8 inches)
including projecting parts
and controls
Mass (Approx.)
6.5 kg (14 lb 6 oz)
170 W
Design and specifications are subject to change
without notice


Similar Part No. - STR-K660P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
STR-K740P SONY-STR-K740P Datasheet
4Mb / 19P
SERVICE MANUAL
STR-K840P SONY-STR-K840P Datasheet
4Mb / 19P
SERVICE MANUAL
More results

Similar Description - STR-K660P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
XR-C8220 SONY-XR-C8220 Datasheet
1Mb / 14P
SERVICE MANUAL
logo
NXP Semiconductors
14PT314A PHILIPS-14PT314A Datasheet
1Mb / 16P
Service Manual
08/2001
logo
Sony Corporation
HCD-GRX8 SONY-HCD-GRX8 Datasheet
5Mb / 20P
SERVICE MANUAL
HCD-V818 SONY-HCD-V818 Datasheet
5Mb / 18P
SERVICE MANUAL
STR-K740P SONY-STR-K740P Datasheet
4Mb / 19P
SERVICE MANUAL
CDX605 SONY-CDX605 Datasheet
1Mb / 34P
SERVICE MANUAL
2017
CDP-195 SONY-CDP-195 Datasheet
713Kb / 16P
SERVICE MANUAL
logo
Panasonic Semiconductor
TH-32A400H PANASONIC-TH-32A400H Datasheet
6Mb / 67P
Service Manual
2014
logo
Sony Corporation
CDX-GT121 SONY-CDX-GT121 Datasheet
3Mb / 38P
SERVICE MANUAL
Ver. 1.0 2007. 08
FE-1 SONY-FE-1 Datasheet
6Mb / 61P
SERVICE MANUAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com