Electronic Components Datasheet Search
  English  ▼

X  

STR-K660P Datasheet(PDF) 21 Page - Sony Corporation

Part # STR-K660P
Description  SERVICE MANUAL
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

STR-K660P Datasheet(HTML) 21 Page - Sony Corporation

Back Button STR-K660P Datasheet HTML 17Page - Sony Corporation STR-K660P Datasheet HTML 18Page - Sony Corporation STR-K660P Datasheet HTML 19Page - Sony Corporation STR-K660P Datasheet HTML 20Page - Sony Corporation STR-K660P Datasheet HTML 21Page - Sony Corporation STR-K660P Datasheet HTML 22Page - Sony Corporation STR-K660P Datasheet HTML 23Page - Sony Corporation STR-K660P Datasheet HTML 24Page - Sony Corporation STR-K660P Datasheet HTML 25Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
21
21
STR-K675P
STR-K675P
3-12. SCHEMATIC DIAGRAM — MAIN SECTION (3/3) —
D811
C806
C808
R804
R803
D801
D802
C807
D805
D807
D804
D806
C802
CNP901
R904
R903
D914
D915
C911
C912
C914
D913
D912
D911
D910
D901
CNP900
RY901
CNP904
R810
C901
C902
R812
R905
R911
R912
R913
C913
FH952
CN504
CN505
T902
JW901
R900
C813
C814
C811
C812
CNP902
D920
D923
D922
D921
CNP903
C916
Q911
CNP801
CNP916
CNP906
TP2
G901
C801
R910
R806
T901
FH902
F901
4A/125V
Q801
Q901
D5SBA20-4003
47
35V
47
35V
10k
4.7
HZS20-1LTA
HZ6.8BP-TK
47
35V
10EDB40-TA2B5
10EDB40-TA2B5
10EDB40-TA2B5
10EDB40-TA2B5
0.22
3P
4.7k
47k
1SS133T-72
1SS133T-72
0.22
0.22
3300
16V
10EDB40-TA2B5
10EDB40-TA2B5
10EDB40-TA2B5
10EDB40-TA2B5
ISS133T-72
2P
POWER RELAY
2P
0.22
0.22
0.22
0.22
1
47k
33k
10k
0.47
50V
3P
3P
JW
3.3M
6800 71V
6800 71V
0.22
0.22
5P
10EDB40-TA2B5
10EDB40-TA2B5
10EDB40-TA2B5
10EDB40-TA2B5
3P
1000
25V
2SC1740S-QRT
5P
5P
5P
BOARD IN WIRE
GROUND TERMINAL
0.22
0.33
22k
POWER
TRANSFORMER
2SB734-T-34
-20V REG
2SC1740S-QRT
RELAY DRIVE
N
VIDEO BOARD
CNP156
(Page 26)
15
20
19
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com