Electronic Components Datasheet Search
  English  ▼

X  

AFE7950-SP Datasheet(PDF) 24 Page - Texas Instruments

Part # AFE7950-SP
Description  AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7950-SP Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFE7950-SP Datasheet HTML 20Page - Texas Instruments AFE7950-SP Datasheet HTML 21Page - Texas Instruments AFE7950-SP Datasheet HTML 22Page - Texas Instruments AFE7950-SP Datasheet HTML 23Page - Texas Instruments AFE7950-SP Datasheet HTML 24Page - Texas Instruments AFE7950-SP Datasheet HTML 25Page - Texas Instruments AFE7950-SP Datasheet HTML 26Page - Texas Instruments AFE7950-SP Datasheet HTML 27Page - Texas Instruments AFE7950-SP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 126 page
background image
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; TX Input Rate = 491.52MSPS,
fDAC = 8847.36MSPS interleave mode; fADC = 2949.12MSPS; nominal power supplies; 1 tone at -1 dBFS; DSA Attenuation
=0dB; SerDes rate = 24.33Gbps; unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 7d: FDD 4T4R1FB
TX 9G and FB 3G -16bit: 368.64M; DSA
= 6dB, , non-interleave mode,
RX 3G : 368.64M. 16 bit
Serdes: 25gbps) -> 2 lanes for Rx/FB
(lane shared) and 2lanes for Tx
1283.8
mA
IVDD1P8
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
752.0
mA
IVDD1P8
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
74.6
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
750.5
mA
IVDD1P2
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
1077.6
mA
IVDD1P2
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
47.7
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
2695.5
mA
Pdiss
Power Dissipation
8475.5
mW
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 8: same configuration as mode 7,
Sleep Mode. SLEEP pin is pull high.
20.3
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
292.8
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
12.6
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
4.6
mA
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
54.3
mA
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
15.3
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
313.1
mA
Pdiss
Power Dissipation
956.8
mW
IVDD1P8
Group 3A: VDD1P8FB + VDD1P8RX +
VDD1P8TX
Mode 9: 4T4R2F - FDD FB 100% on TX
Single Band: 24x Int, FB 12x Dec RX
Single Band: RX 24x TX/FB Rate 245.76
Msps RX Rate 122.88 Msps fDAC =
5898.24 MSPS fADC = 2949.12 MSPS fTX
= 0.85 GHz fRX = 0.8 GHz 8/10 coding,
9.8304Gbps TX: 4-8-4-1, FB: 2-4-4-1, RX:
2-8-8-1
1593.2
mA
Group 3B: VDD1P8FBCLK +
VDD1P8RXCLK + VDD1P8TXDAC+
VDD1P8GPIO + VDDA1P8
840.6
mA
Group 3C: VDD1P8PLL +
VDD1P8PLLVCO
77.3
mA
IVDD1P2
Group 2A: VDD1P2FB + VDD1P2RX
905.0
mA
Group 2B: VDD1P2TXCLK +
VDD1P2TXENC
817.7
mA
Group 2C: VDD1P2FBCML +
VDD1P2RXCML + VDD1P2PLLCLKREF
52.1
mA
IVDD0P9
Group 1A: DVDD0P9 + VDDT0P9
2405.2
mA
Pdiss
Power Dissipation
8814.3
mW
AFE7950-SP
SBASAG7A – MARCH 2024 – REVISED AUGUST 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AFE7950-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com