Electronic Components Datasheet Search
  English  ▼

X  

AFE7950-SP Datasheet(PDF) 35 Page - Texas Instruments

Part # AFE7950-SP
Description  AFE7950-x 4T6R RF Sampling AFE with 12GSPS DACs and 3GSPS ADCs
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE7950-SP Datasheet(HTML) 35 Page - Texas Instruments

Back Button AFE7950-SP Datasheet HTML 31Page - Texas Instruments AFE7950-SP Datasheet HTML 32Page - Texas Instruments AFE7950-SP Datasheet HTML 33Page - Texas Instruments AFE7950-SP Datasheet HTML 34Page - Texas Instruments AFE7950-SP Datasheet HTML 35Page - Texas Instruments AFE7950-SP Datasheet HTML 36Page - Texas Instruments AFE7950-SP Datasheet HTML 37Page - Texas Instruments AFE7950-SP Datasheet HTML 38Page - Texas Instruments AFE7950-SP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 126 page
background image
4.12.1 TX Typical Characteristics 800MHz (continued)
Typical values at TA = +25°C with nominal supplies. Default conditions: TX input data rate = 491.52MSPS, fDAC =
11796.48MSPS (24x interpolation), interleave mode, 1st Nyquist zone output, PLL clock mode with fREF = 491.52MHz, AOUT =
–1dBFS, DSA = 0dB, Sin(x)/x enabled, DSA calibrated
Pout (dBFS)
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
1TX
2TX
3TX
4TX
Matching at 0.8GHz, single carrier 20MHz BW TM1.1 LTE
Figure 4-33. TX 20-MHz LTE ACPR vs Digital Level at 0.85GHz
Pout(dBFS)
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
1TX
2TX
3TX
4TX
Matching at 0.8GHz, single carrier 20MHz BW TM1.1 LTE
Figure 4-34. TX 20MHz LTE alt-ACPR vs Digital Level at 0.85GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-70
-67
-64
-61
-58
-55
-52
1TX
2TX
3TX
4TX
Matching at 0.8GHz, single carrier 20MHz BW TM1.1 LTE
Figure 4-35. TX 20MHz LTE ACPR vs DSA at 0.85GHz
DSA (dB)
0
4
8
12
16
20
24
28
32
36
40
-72
-69
-66
-63
-60
-57
-54
-51
1TX
2TX
3TX
4TX
Matching at 0.8GHz, single carrier 20MHz BW TM1.1 LTE
Figure 4-36. TX 20-MHz LTE alt-ACPR vs DSA at 0.85GHz
Output Frequency (MHz)
600
750
900
1050
1200
1350
1500
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
1TX, -12dBFS
1TX, -6dBFS
2TX, -12dBFS
2TX, -6dBFS
3TX, -12dBFS
3TX, -6dBFS
4TX, -12dBFS
4TX, -6dBFS
Matching at 0.8GHz, fDAC = 5898.2 GSPS, straight mode
Figure 4-37. TX HD2 vs Digital Amplitude and Output Frequency
at 0.85GHz
Output Frequency (MHz)
600
750
900
1050
1200
1350
1500
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
1TX, -12dBFS
1TX, -6dBFS
2TX, -12dBFS
2TX, -6dBFS
3TX, -12dBFS
3TX, -6dBFS
4TX, -12dBFS
4TX, -6dBFS
Matching at 0.8GHz, fDAC = 8847.36GSPS, straight mode
Figure 4-38. TX HD2 vs Digital Amplitude and Output Frequency
at 0.85GHz
www.ti.com
AFE7950-SP
SBASAG7A – MARCH 2024 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: AFE7950-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com