Electronic Components Datasheet Search
  English  ▼

X  

CY2303SC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2303SC
Description  Phase-Aligned Clock Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2303SC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2303SC Datasheet HTML 1Page - Cypress Semiconductor CY2303SC Datasheet HTML 2Page - Cypress Semiconductor CY2303SC Datasheet HTML 3Page - Cypress Semiconductor CY2303SC Datasheet HTML 4Page - Cypress Semiconductor CY2303SC Datasheet HTML 5Page - Cypress Semiconductor CY2303SC Datasheet HTML 6Page - Cypress Semiconductor CY2303SC Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Phase-Aligned Clock Multiplier
CY2303
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07249 Rev. *B
Revised August 2, 2005
Features
• 3-multiplier configuration (1x, 2x, 4x Ref)
• 10 MHz to 166.67 MHz operating range (reference input
from 10 MHz to 41.67 MHz)
• Phase Alignment
• 80 ps typical period jitter
• Output enable pin
• 3.3V operation
• 5V Tolerant input
• 8-pin 150-mil SOIC package
• Commercial and Industrial Temperature available
Functional Description
The CY2303 is a 3 output 3.3V phase-aligned system clock
designed to distribute high-speed clocks in PC, workstation,
datacom, telecom, and other high-performance applications.
The part allows user to obtain 1x, 2x, and 4x Ref output
frequencies on respective output pins.
The CY2303 has an on-chip PLL, which locks to an input clock
presented on the REFIN pin. The PLL feedback is internally
connected to the REF output. The input-to-output skew is
guaranteed to be less than
±200 ps, and output-to-output skew
is guaranteed to be less than 200 ps.
Multiple CY2303 devices can accept the same input clock and
distribute it in a system. In this case, the skew between the
outputs of two devices is guaranteed to be less than 400 ps.
The CY2303 is available in commercial and industrial temper-
ature ranges.
Selector Guide
Part Number
Outputs
Input Frequency Range
Output Frequency Range
Specifics
CY2303SC,
CY2303SXC
3
10 MHz–41.67 MHz
10 MHz–166.67 MHz
Commercial Temperature
CY2303SI,
CY2303SXI
3
10 MHz–41.67 MHz
10 MHz–166.67 MHz
Industrial Temperature
PLL
REF
REFx2
REFx4
OE
x1
x2
x4
1
2
3
4
5
8
7
6
REF
GND
REFIN
N/C
VDD
OE
REFx2
Top View
8-pin SOIC
REFx4
REFIN
Block Diagram
Pin Configuration
FBK


Similar Part No. - CY2303SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2303SXC CYPRESS-CY2303SXC Datasheet
226Kb / 7P
Phase-Aligned Clock Multiplier
CY2303SXC CYPRESS-CY2303SXC Datasheet
350Kb / 9P
Phase-Aligned Clock Multiplier
CY2303SXC CYPRESS-CY2303SXC Datasheet
445Kb / 14P
Phase-Aligned Clock Multiplier
CY2303SXCT CYPRESS-CY2303SXCT Datasheet
226Kb / 7P
Phase-Aligned Clock Multiplier
CY2303SXCT CYPRESS-CY2303SXCT Datasheet
350Kb / 9P
Phase-Aligned Clock Multiplier
More results

Similar Description - CY2303SC

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
Low Phase Noise Clock Multiplier
Revision 090800
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
LOW PHASE NOISE CLOCK MULTIPLIER
Revision 111204
logo
Cypress Semiconductor
CY2300 CYPRESS-CY2300 Datasheet
125Kb / 7P
Phase-Aligned Clock Multiplier
logo
Integrated Circuit Syst...
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
LOW PHASE NOISE CLOCK MULTIPLIER
logo
Cypress Semiconductor
CY2300 CYPRESS-CY2300_08 Datasheet
205Kb / 6P
Phase-Aligned Clock Multiplier
CY2303 CYPRESS-CY2303_08 Datasheet
226Kb / 7P
Phase-Aligned Clock Multiplier
CY2300 CYPRESS-CY2300_12 Datasheet
394Kb / 9P
Phase-Aligned Clock Multiplier
CY2303 CYPRESS-CY2303_12 Datasheet
350Kb / 9P
Phase-Aligned Clock Multiplier
CY2303 CYPRESS-CY2303_13 Datasheet
445Kb / 14P
Phase-Aligned Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com