Electronic Components Datasheet Search
  English  ▼

X  

CY2303SC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2303SC
Description  Phase-Aligned Clock Multiplier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2303SC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2303SC Datasheet HTML 1Page - Cypress Semiconductor CY2303SC Datasheet HTML 2Page - Cypress Semiconductor CY2303SC Datasheet HTML 3Page - Cypress Semiconductor CY2303SC Datasheet HTML 4Page - Cypress Semiconductor CY2303SC Datasheet HTML 5Page - Cypress Semiconductor CY2303SC Datasheet HTML 6Page - Cypress Semiconductor CY2303SC Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CY2303
Document #: 38-07249 Rev. *B
Page 3 of 7
Switching Characteristics for CY2303SC Commercial Temperature Devices
Parameter
Name
Test Conditions
Min.
Typ.
Max.
Unit
1/t1
Output Frequency
18-pF load
10
–
133.33
MHz
12-pF load
–
–
166.67
MHz
Duty Cycle[3] = t2 ÷ t1
Measured at VDD/2
40
50
60
%
t3
Rise Time[3]
Measured between 0.8V and 2.0V
–
–
1.20
ns
t4
Fall Time[3]
Measured between 0.8V and 2.0V
–
–
1.20
ns
t5
Output to Output Skew on rising
edges[3]
All outputs equally loaded
Measured at VDD/2
–
–
200
ps
t6
Delay, REFIN Rising Edge to
REF Rising Edge[3]
Measured at VDD/2 from REFIN to any
output
––
±200
ps
t7
Device to Device Skew[3]
Measured at VDD/2 on the REF pin of the
device (pin 1)
–
–
400
ps
tJ
Period Jitter[3]
Measured at Fout < 133.33 MHz, loaded
outputs, 18-pF load
–80
±175
ps
tLOCK
PLL Lock Time[3]
Stable power supply, valid clocks presented
on REFIN
––
1.0
ms
Operating Conditions for CY2303SI Industrial Temperature Devices
Parameter
Description
Min.
Max.
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
–40
85
°C
CL
Load Capacitance, Fout <133.33 MHz
–
15
pF
Load Capacitance, 133.33 MHz < Fout < 166.67 MHz,
–
10
pF
tPU
Power-up time for all VDDs to reach minimum specified voltage
(power ramps must be monotonic)
0.05
50
ms
Electrical Characteristics for CY2303SI Industrial Temperature Devices
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIL
Input LOW Voltage
–
0.8
V
VIH
Input HIGH Voltage
2.0
–
V
IIL
Input LOW Current
VIN = 0V
–
100
µA
IIH
Input HIGH Current
VIN = VDD
–50
µA
VOL
Output LOW Voltage[2]
IOL = 8 mA
–
0.4
V
VOH
Output HIGH Voltage[2]
IOH = –8 mA
2.4
–
V
IDD
Supply Current
Unloaded outputs, REFIN = 41.67 MHz
–
48
mA
Unloaded outputs, REFIN = 25 MHz
–
35
mA
Unloaded outputs, REFIN = 10 MHz
–
20
mA
Note:
3. All parameters are specified with loaded outputs.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com