Electronic Components Datasheet Search
  English  ▼

X  

CY3097 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY3097
Description  FTG Programming Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3097 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY3097 Datasheet HTML 1Page - Cypress Semiconductor CY3097 Datasheet HTML 2Page - Cypress Semiconductor CY3097 Datasheet HTML 3Page - Cypress Semiconductor CY3097 Datasheet HTML 4Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CY3670
FTG Programming Kit
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-07410 Rev. *A
Revised January 14, 2008
Features
■ Supports multiple Cypress EPROM Field Programmable Clock
Generators: CY2071AF, CY2291F, CY2292F (SOIC only),
CY2907F8, and CY2907F14
■ Separate device specific socket adapters
■ Allows quick and easy prototyping
■ Compact design for portability
■ Easy to use interface: Microsoft® Windows®
■ User friendly CyberClocks™ software for JEDEC file
development
Kit Contents
■ Programmer Unit
■ Serial Port Cable
■ AC/DC Adapter
■ CD containing: CyClocks Software, CY_FTG_V2 Programmer
Software, and data sheets for supported devices
■ Socket adapters are required and are available separately
Functional Description
The CY3670 FTG Programming Kit enables users with a PC to
program
Cypress
EPROM
Field-Programmable
Clock
Generators quickly and easily. The two setup requirements are
a power connection and a serial port connection with the PC, as
shown in Figure 1.
Using CyberClocks
™ software, users can configure their parts to
the required specifications and generate the corresponding
JEDEC file, which is used for programming.
In addition, CyberClocks software provides PPM optimization
and power calculations.
The JEDEC file is loaded into the CY_FTG_V2 software that
communicates with the programmer. The CY_FTG_V2 software
also has blank-check capabilities and the ability to read, verify,
and view the EPROM table from a programmed device. This
procedure is shown in Figure 1.
Figure 1. Programming Procedure
ON
Busy
Cypress FTG Programmer - CY3670
Programs: CY2071AF/CY2291F/CY2292F/
CY2907F8/CY2907F14
Bit Stream through RS232 Serial Port
Device Specific Adapter
CyberClocks (CyClocks)
CY_FTG_V2
JEDEC
File
[+] Feedback


Similar Part No. - CY3097

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3097 CYPRESS-CY3097 Datasheet
565Kb / 13P
Single-PLL General Purpose EPROM Programmable Clock Generator
More results

Similar Description - CY3097

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLXSPI-01 MELEXIS-MLXSPI-01 Datasheet
192Kb / 9P
Programming kit
logo
Cypress Semiconductor
CY3600I CYPRESS-CY3600I Datasheet
54Kb / 3P
FLASH370i??ISR??Programming Kit
CY3672 CYPRESS-CY3672 Datasheet
234Kb / 6P
PTG Programming Kit
logo
Knowles Electronics
KJ-33000-002 KNOWLES-KJ-33000-002 Datasheet
356Kb / 5P
Joystick I2C Development Kit Programming and Application Note
logo
Microchip Technology
DSC-TIMEFLASH-KIT2 MICROCHIP-DSC-TIMEFLASH-KIT2 Datasheet
45Kb / 1P
TimeFlash Oscillator Programming Kit with 2 Socket Cards
1998-2016
DSC-TIMEFLASH-KIT MICROCHIP-DSC-TIMEFLASH-KIT Datasheet
49Kb / 1P
TimeFlash Oscillator Programming Kit with 6 socket cards
1998-2016
DSC-TIMEFLASH MICROCHIP-DSC-TIMEFLASH Datasheet
51Kb / 1P
Time Flash Oscillator Programming Kit without Socket Cards
1998-2016
logo
Broadcom Corporation.
HEDS-8988 BOARDCOM-HEDS-8988 Datasheet
1Mb / 15P
Magnetic Encoder IC Programming Kit
logo
ATMEL Corporation
ATDH2200E ATMEL-ATDH2200E Datasheet
131Kb / 6P
FPGA Configurator Programming Kit (Enhanced)
logo
Maxim Integrated Produc...
DS1075K MAXIM-DS1075K Datasheet
133Kb / 1P
Oscillator Programming/ Evaluation Kit
090302
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com