Electronic Components Datasheet Search
  English  ▼

X  

CY3097 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY3097
Description  FTG Programming Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3097 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY3097 Datasheet HTML 1Page - Cypress Semiconductor CY3097 Datasheet HTML 2Page - Cypress Semiconductor CY3097 Datasheet HTML 3Page - Cypress Semiconductor CY3097 Datasheet HTML 4Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CY3670
Document Number: 38-07410 Rev. *A
Page 3 of 4
Figure 3. Device Orientation Diagram On The Adapter
Software
Setting up the software is as easy as setting up the hardware.
The included CD contains CyClocks, CY_FTG_V2, a readme
file, and a folder containing data sheets. The readme file contains
information on programming procedures and must be read first.
To install CyClocks, the preferred method is to download and
install the latest version of CyberClocks software from the
Cypress website. CyClocks is now a subset of CyberClocks.
Users must be aware that CyberClocks is not the same as the
CyberClocks Online web-based application.[2]
The CY_FTG_V2 software does not require installation. Copy
the CY_FTG_V2 directory from the CD to the desired location on
your machine. A COM port and BAUD rate must be set when the
CY_FTG_V2 is first run. The latest version of this software may
be
located
by
searching
the
Cypress
website
http://www.cypress.com for “CY3670”.
Adapters
The CY3670 Kit does not include any socket adapters. The
necessary
adapters
may
be
ordered
from
Cypress
Semiconductor. To order an adapter, contact your local Cypress
sales office or representative, or visit the online store at
www.cypress.com. The section Ordering Information on page 3
lists the available adapters and their corresponding devices.
Electrical Characteristics
CY2292F Pin 1
CY2071AF Pin 1
Socket
CY3096
CY309X
Item
Part Description
Cypress Part Number
Characteristics
1
Cypress FTG Programmer
CY3670
Voltage 12VDC. Supports CY2292F, CY2291F, CY2071AF,
CY2907F8,
and
CY290714
through
adapters
purchased
separately.
2
Serial Cable
–
UL approved standard 9 pin serial cable. (RS232: one end male
/other end female) 80° C, 300V, VW-1, 28AWG, AWM I/II.
3
Power Adapter
–
Input: 110V/220V AC, 60/50 Hz
The CY3670 programmer draws from 100 to 150mA. At this load,
the adapter supplies 12V, which is the required voltage. The rated
Output: 9V DC is specified for 1A load (This adapter does not have
a voltage regulator.)
Ordering Information
Ordering Code [2]
Description
CY3670
FTG Programmer Kit
CY3093
Socket Adapter for CY2291F
CY3095
Socket Adapter for CY2292F (SOIC package only)
CY3096
Socket Adapter for CY2071AF
CY3097
Socket Adapter for CY2907F8
CY3098
Socket Adapter for CY2907F14
Note
2. Be sure to check for CyberClocks updates at http://www.cypress.com/cyberclocks
[+] Feedback



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com