Electronic Components Datasheet Search
  English  ▼

X  

SW-504 Datasheet(PDF) 4 Page - Brainboxes Limited

Part # SW-504
Description  SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

SW-504 Datasheet(HTML) 4 Page - Brainboxes Limited

  SW-504 Datasheet HTML 1Page - Brainboxes Limited SW-504 Datasheet HTML 2Page - Brainboxes Limited SW-504 Datasheet HTML 3Page - Brainboxes Limited SW-504 Datasheet HTML 4Page - Brainboxes Limited SW-504 Datasheet HTML 5Page - Brainboxes Limited SW-504 Datasheet HTML 6Page - Brainboxes Limited SW-504 Datasheet HTML 7Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MK- 081
22.5MM MODULAR DEVICE WALL/
SURFACE MOUNTING CLIP - CABINET SPACE
SAVER
Product Dimensions = 30(l) x10(w) x 10(h)
mm/ 1.18(l) x 0.39(w) x 0.39(h) inches
Packaged Weight = 0.144kg, 0.317 pounds
This metal mounting clip clicks securely onto 22.5mm
deep modular devices. It is useful for mounting
Brainboxes ED/SW/ES industrial range products at
any orientation to any surface/wall to best utilise
Accessories
Compatible with Brainboxes product codes:
ED-5XX, ES-5XX, SW-5XX (excl. SW-508)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com