Electronic Components Datasheet Search
  English  ▼

X  

SW-504 Datasheet(PDF) 6 Page - Brainboxes Limited

Part # SW-504
Description  SPRING LOADED DIN RAIL MOUNT 35MM WIDTH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

SW-504 Datasheet(HTML) 6 Page - Brainboxes Limited

  SW-504 Datasheet HTML 1Page - Brainboxes Limited SW-504 Datasheet HTML 2Page - Brainboxes Limited SW-504 Datasheet HTML 3Page - Brainboxes Limited SW-504 Datasheet HTML 4Page - Brainboxes Limited SW-504 Datasheet HTML 5Page - Brainboxes Limited SW-504 Datasheet HTML 6Page - Brainboxes Limited SW-504 Datasheet HTML 7Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MK-588
6 PACK ED-5XX/ ES-5XX 5-WAY 3.5MM PITCH
PLUGGABLE BLOCKS - RETAIL PACK
Product Dimensions = 125(l) x 120(w) x20(h) mm /
4.92(l) x 4.72(w) x 0.79(h) inches
Packaged Weight = 0.038 kg, 0.08 pounds
6 coloured PCB connectors suitable for Brainboxes Industrial
Ethernet to Serial (ES-5XX), Industrial Ethernet I/O modules
(ED-5XX) and BB-400. Individually numbered pins simplify
wiring and remove confusion. 5 x 3.5mm pitch screw
connections with tension sleeve.
Accessories
MK-070
SNAP IN DIN-RAIL CLIP KIT FOR ES/US 4&8
PORT - RETAIL PACK
Product Dimensions = 65(l) x 0(w) x 52(h) mm /
2.56(l) x 0(w) x 2.05(h) inches
Packaged Weight = 0.022 kg, 0.05 pounds
Light weight ‘Snap-in’ Din-Rail clip suitable for mounting
Brainboxes 4 & 8 port Ethernet to Serial and 4 & 8 port USB
to Serial.
MK-059
WALL MOUNTING KIT FOR ES/US 4&8 PORT
- RETAIL PACK
Product Dimensions = 100(l) x 0.7(w) x 52(h) mm /
3.93(l) x 0.03(w) x 2.05(h) inches
Packaged Weight = 0.33 kg, 0.73 pounds
Wall mounting kit compatible with Brainboxes 4 & 8 port Ether-
net to Serial and 4 & 8 port USB to Serial. Comes with suitable
screws.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com