Electronic Components Datasheet Search
  English  ▼

X  

CY24713SC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY24713SC
Description  Set-top Box Clock Generator with VCXO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24713SC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY24713SC Datasheet HTML 1Page - Cypress Semiconductor CY24713SC Datasheet HTML 2Page - Cypress Semiconductor CY24713SC Datasheet HTML 3Page - Cypress Semiconductor CY24713SC Datasheet HTML 4Page - Cypress Semiconductor CY24713SC Datasheet HTML 5Page - Cypress Semiconductor CY24713SC Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CY24713
Document #: 38-07396 Rev. **
Page 3 of 6
Recommended Operating Conditions
Parameter
Description
Min.
Typ.
Max.
Unit
VDD
Operating Voltage
3.135
3.3
3.465
V
TA
Ambient Temperature
0
–
70
°C
CLOAD
Max. Load Capacitance
–
–
15
pF
tPU
Power-up time for all VDDs to
reach minimum specified voltage
(power ramps must be monotonic)
0.05
–
500
ms
DC Electrical Characteristics
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
IOH
Output High Current
VOH = VDD – 0.5, VDD = 3.3V
12
24
–
mA
IOL
Output Low Current
VOL = 0.5, VDD = 3.3V
12
24
–
mA
CIN
Input Capacitance
–
–
7
pF
IIZ
Input Leakage Current
–
5
–
µA
f∆XO
VCXO pullability range
±150
–
–
ppm
VVCXO
VCXO input range
0
–
VDD
V
IVDD
Supply Current
–
25
30
mA
AC Electrical Characteristics (VDD = 3.3V)
Parameter[3]
Description
Conditions
Min.
Typ.
Max.
Unit
DC
Output Duty Cycle
Duty Cycle is defined in Figure 1 50% of VDD
45
50
55
%
ER0
Rising Edge Rate
Output Clock Edge Rate, Measured from 20%
to 80% of VDD, CLOAD = 15 pF Figure 2.
0.8
1.4
–
V/ns
EF1
Falling Edge Rate
Output Clock Edge Rate, Measured from 80%
to 20% of VDD, CLOAD = 15 pF Figure 2.
0.8
1.4
–
V/ns
t9
Clock Jitter
Peak-Peak period jitter maximum absolute jitter
–
200
250
ps
t10
PLL Lock Time
–
–
3
ms
Notes:
3. Not 100% tested



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com