Electronic Components Datasheet Search
  English  ▼

X  

MSS0907 Datasheet(PDF) 10 Page - Mosel Vitelic, Corp

Part # MSS0907
Description  3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0907 Datasheet(HTML) 10 Page - Mosel Vitelic, Corp

Back Button MSS0907 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 9Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 10Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 11Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 12Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 13Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 14Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10/39
DC Characteristics at 3.0 Vdd
DC Characteristics at 4.5 Vdd
SymbolParameter
I sb
I op
I ihK
I iLK
I ohR
I oLR
I ihT
I iLT
I ohr
Stand by I
Operation I
input high I
input low I
output high I
output low I
input high I
input low I
output high I
Vdd
Vdd
K1,2,3,4
K1,2,3,4
RW1,2,3,4
RW1,2.3.4
TGA,B,C
TGA,B,C
75
3
0
-10
10
3
0
+/- 5
+/- 10
1
150
15
15
uA
uA
uA
uA
mA
mA
i/o open
mask:=active high
mask:=active high
Min.
Typ.
Max.
Unit.
Condition
Valid
I oLr
I co
V co
R1
R1
R1
R2
R cds
d F/F
d F/F
output low I
current output
Current o/p V
Oscillation R
Oscillation R
Oscillation R
Bypass R
max contact R
Frq. stability
Frq. variation
OS,W,X,Y,Z
OS,W,X,Y,Z
Cout
Cout
Rosc
Rosc
-10
10
1.8
600
450
240
uA
uA
mA
mA
mA
mV
Kohm
Kohm
Kohm
ohm
Kohm
%
%
half scale, curve Ico 3
SR=6 KHz
SR=8 KHz
SR=15 KHz
[F(3.0V)-F(2.7V)]/F(3.0V)
lot by lot
SymbolParameter
I sb
I op
I ihK
I iLK
I ohR
I oLR
I ihT
I iLT
I ohr
Stand by I
Operation I
input high I
input low I
output high I
output low I
input high I
input low I
output high I
150
10
0
-20
20
10
0
+/- 5
+/- 10
1
200
20
20
uA
uA
uA
uA
mA
mA
i/o open
mask:=active high
mask:=active high
Min.
Typ.
Max.
Unit.
Condition
Valid
I oLr
I co
V co
R1
R1
R1
R2
R cds
d F/F
d F/F
output low I
current output
Current o/p V
Oscillation R
Oscillation R
Oscillation R
Bypass R
max contact R
Frq. stability
Frq. variation
-20
20
3.7
600
450
240
uA
uA
mA
mA
mA
mV
Kohm
Kohm
Kohm
ohm
Kohm
%
%
half scale, curve Ico 3
SR=6 KHz
SR=8 KHz
SR=15 KHz
[F(4.5V)-F(4.0V)]/F(4.5V)
lot by lot
Vdd
Vdd
K1,2,3,4
K1,2,3,4
RW1,2,3,4
RW1,2,3,4
TGA,B,C
TGA,B,C
OS,W,X,Y,Z
OS,W,X,Y,Z
Cout
Cout
Rosc
Rosc
PID247*** 09/96
MSS0307/S0607/S0907/S1207/S1507/S1807
MOSEL VITELIC INC.
Specifications subject to change without notice, contact your sales representatives for the most recent information.
(Preliminary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com