Electronic Components Datasheet Search
  English  ▼

X  

MSS0907 Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # MSS0907
Description  3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0907 Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button MSS0907 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 8Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 9Page - Mosel Vitelic, Corp MSS0907 Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6/39
LED sink and drive
The LED lamp could be turned on at output pin by
sink connection. No drive is provided.
Fix Flash slow LED
Fix flash slow means this pin turns LED lamp on for t
ONL and then turns it off for t ONL alternately. And it
truns on LED lamp right at the ramp up starts. It turns
off LED lamp right after sound ends. Even within t PL
interval, before ramp down starts, the LED lamp is
turned off.
Fix Flash LED slow & inverse
This is similar to "Fix flash slow LED" but inversed
within the sound activated period. The inverse means
whenever the LED pin turns on the "inverse pin" turns
off LED.
By this feature, user can specify two LEDs, or more,
turns on and off alternately within the sound activated
period.
Dynamic Flash LED
The LED turns on whenever the sound amplitude is
over a certain threshold potential. This threshold can
be specified per pin per entry.
There are three thresholds:17/31, 23/31 and 27/31.
Five output pins could have identical thresholds or
not.
An output pin specified to 17/31 means it could be
turned on whenever the sound plays at an amplitude
over 54% of full scale output. An output pin specified
to 17/31 is easier to turn on than an output pin
specified to 23/31.
Ring Flash 5 LEDs slow
User can specify 5 LEDs ring at slow speed.
It
means LEDS is turned on for t ONL and then turns off
for 4 x t ONL. And cycles. The LEDW turns on right
after LEDS turns off.
LEDW is turned on for t ONL and then turns off for 4 x
t ONL. And cycles. The LEDX turns on right after
LEDW turns off.
LEDX is turned on for t ONL and then turns off for 4 x
t ONL. And cycles. The LEDY turns on right after
LEDX turns off.
LEDY is turned on for t ONL and then turns off for 4 x
t ONL. And cycles. The LEDZ turns on right after
LEDY turns off.
LEDZ is turned on for t ONL and then turns off for 4 x
t ONL. And cycles.
This 340 ms t ONL equals 1 over 2.93. Of course,
this is valid within sound activated period.
This t ONL is sample rate dependent.
Ring Flash 4 LEDs slow
User can specify 4 LEDs ring at slow speed.
It
means LEDS is turned on for t ONL and then turns off
for 4 x t ONL. And cycles. The LEDW turns on right
after LEDS turns off.
LEDW is turned on for t ONL and then turns off for 3 x t
ONL.
And cycles.
The LEDX turns on right after
LEDW turns off.
LEDX is turned on for t ONL and then turns off for 3 x t
ONL. And cycles. The LEDY turns on right after LEDX
turns off.
LEDY is turned on for t ONL and then turns off for 3 x t
ONL. And cycles.
This 340 ms t ONL equals 1 over 2.93. Of course, this
is valid within sound activated period.
This t ONL is sample rate dependent.
If user needs 4 LED lamps to perform ring flash. These
4 pins are only candidates.
Other 4 - lamp combinations are not guaranteed.
Ring Flash 3 LEDs slow
User can specify 3 LEDs ring at slow speed. It means
LEDS is turned on for t ONL and then turns off for 2 x t
ONL.
And cycles.
The LEDW turns on right after
LEDS turns off.
LEDW is turned on for t ONL and then turns off for 2 x t
ONL.
And cycles.
The LEDX turns on right after
LEDW turns off.
LEDX is turned on for t ONL and then turns off for 2 x t
ONL. And cycles.
This 340 ms t ONL equals 1 over 2.93. Of course, this
is valid within sound activated period.
This t ONL is sample rate dependent.
If user needs 3 LED lamps to perform ring flash. These
3 pins are only candidates.
Other 3 - lamp combinations are not guaranteed.
Ring Flash 3 LEDs slow & inverse
User can specify 3 LEDs ring at slow & inverse.
It
means
LEDS is turned off for t ONL and then turns on for 2 x t
ONL.
And cycles.
The LEDW turns off right after
LEDS turns on.
LEDW is turned off for t ONL and then turns on for 2 x t
ONL.
And cycles.
The LEDX turns off right after
LEDW turns on.
LEDX is turned off for t ONL and then turns on for 2 x t
ONL. And cycles.
This 340 ms t ONL equals 1 over 2.93. Of course, this
is valid within sound activated period.
This t ONL is sample rate dependent.
If user needs 3 LED lamps to perform ring flash. These
3 pins are only candidates.
Other 3 - lamp combinations are not guaranteed.
Ring Flash 4 LEDs slow & inverse
User can specify 4 LEDs ring at slow & inverse.
It means LEDS is turned off for t ONL and then turns on
for 3 x t ONL. And cycles. The LEDW turns off right
after LEDS turns on.
LEDW is turned off for t ONL and then turns on for 3 x t
ONL. And cycles. The LEDX turns off right after LEDW
turns on.
PID247*** 09/96
MSS0307/S0607/S0907/S1207/S1507/S1807
MOSEL VITELIC INC.
Specifications subject to change without notice, contact your sales representatives for the most recent information.
(Preliminary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com