Electronic Components Datasheet Search
  English  ▼

X  

AD7356 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7356
Description  Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 1 Page - Analog Devices

  AD7356 Datasheet HTML 1Page - Analog Devices AD7356 Datasheet HTML 2Page - Analog Devices AD7356 Datasheet HTML 3Page - Analog Devices AD7356 Datasheet HTML 4Page - Analog Devices AD7356 Datasheet HTML 5Page - Analog Devices AD7356 Datasheet HTML 6Page - Analog Devices AD7356 Datasheet HTML 7Page - Analog Devices AD7356 Datasheet HTML 8Page - Analog Devices AD7356 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Differential Input,Dual,Simultaneous
Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Preliminary Technical Data
AD7357
Rev. PrD
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesfor itsuse,norfor anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 14-bit SAR ADC
Simultaneous Sampling
Throughput rate: 4.25 MSPS Per Channel
Specified for VDD of 2.5 V
Power dissipation:
35 mW at 4.25 MSPS
On-chip reference:
2.048 V ± 0.5% max @ 25°C, 10ppm/°C
Dual conversion with read
High speed serial interface:
SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible
−40°C to +125°C operation
Shutdown mode: 10 µA max
16-lead TSSOP package
GENERAL DESCRIPTION
The AD73571 is a dual, 14-bit, high speed, low power, successive
approximation ADC that operates from a single 2.5 V power supply
and features throughput rates up to 4.25 MSPS. The part contains
two ADCs, each preceded by a low noise, wide bandwidth track-
and-hold circuit that can handle input frequencies in excess of
200 MHz.
The conversion process and data acquisition use standard control
inputs allowing for easy interfacing to microprocessors or DSPs.
The input signal is sampled on the falling edge of CS; conversion is
also initiated at this point. The conversion time is determined by
the SCLK frequency.
The AD7357 uses advanced design techniques to achieve very low
power dissipation at high throughput rates. With 2.5 V supply and
a 4.25 MSPS throughput rate, the part consumes 14 mA typically.
The part also offers flexible power/throughput rate management
when operating in normal mode as the quiescent current
consumption is so low.
The analog input range for the part is the differential common
mode +/- Vref/2. The AD7357 has an on-chip 2.048 V reference
that can be overdriven when an external reference is preferred.
The AD7357 is available in a 16-lead thin shrink small outline
package (TSSOP).
FUNCTIONAL BLOCK DIAGRAM
AGND
CS
Vdd
SDATAA
SCLK
SDATAB
AD7357
T/H
CONTROL
LOGIC
14-BIT
SUCCESSIVE
APPROXIMATION
ADC
14-BIT
SUCCESSIVE
APPROXIMATION
ADC
T/H
DGND
REF
BUF
Vdrive
BUF
AGND
REFGND
VINA+
VINA-
VINB+
VINB-
Figure 1.
PRODUCT HIGHLIGHTS
1.
Two Complete ADC Functions Allow Simultaneous Sampling
and Conversion of Two Channels.
The conversion result of both channels is simultaneously
available on separate data lines or in succession on one data
line if only one serial port is available.
2.
High Throughput with Low Power Consumption.
The AD7357 offers a 4.25 MSPS throughput rate with 35 mW
power consumption.
3.
The part features two standard successive approximation
ADCs with accurate control of the sampling instant via a
CS input and once off conversion control.
1 Protected by U.S. Patent No. 6,681,332
Table 1: Related Devices.
Generic
Resolution
Throughput
Analog Input
AD7356
12
5MSPS
Differential
AD7352
12
3MSPS
Differential


Similar Part No. - AD7356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
191Kb / 18P
Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Nov-2006
AD7356 AD-AD7356 Datasheet
606Kb / 21P
Differential Input, Dual, Simultaneous Sampling
23-Feb-2017
AD7356BRUZ AD-AD7356BRUZ Datasheet
191Kb / 18P
Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Nov-2006
AD7356BRUZ AD-AD7356BRUZ Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356BRUZ AD-AD7356BRUZ Datasheet
606Kb / 21P
Differential Input, Dual, Simultaneous Sampling
23-Feb-2017
More results

Similar Description - AD7356

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7352 AD-AD7352 Datasheet
518Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7264 AD-AD7264_17 Datasheet
1Mb / 30P
1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC
27-May-2017
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com