Electronic Components Datasheet Search
  English  ▼

X  

AD7356 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7356
Description  Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7356 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7356 Datasheet HTML 9Page - Analog Devices AD7356 Datasheet HTML 10Page - Analog Devices AD7356 Datasheet HTML 11Page - Analog Devices AD7356 Datasheet HTML 12Page - Analog Devices AD7356 Datasheet HTML 13Page - Analog Devices AD7356 Datasheet HTML 14Page - Analog Devices AD7356 Datasheet HTML 15Page - Analog Devices AD7356 Datasheet HTML 16Page - Analog Devices AD7356 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AD7357
Preliminary Technical Data
Rev. PrD | Page 14 of 17
mode is more suited to applications where a series of
conversions performed at a relatively high throughput rate are
followed by a long period of inactivity and thus, power-down.
When the AD7357 is in full power-down, all analog circuitry is
powered down. Full power-down is entered in a similar way as
partial power-down, except the timing sequence shown in
Figure 15 must be executed twice. The conversion process must
be interrupted in a similar fashion by bringing CS high
anywhere after the 2nd falling edge of SCLK and before the 10th
falling edge of SCLK. The device enters partial power down at
this point.
To reach full power-down, the next conversion cycle must be
interrupted in the same way, as shown in Figure 17. Once CS
has been brought high in this window of SCLKs, the part
completely powers down.
Note that it is not necessary to complete the 16 SCLKs once CS
has been brought high to enter a power-down mode.
To exit full power-down mode and power-up the AD7357, a
dummy conversion is performed, as when powering up from
partial power-down. One the falling edge of CS , the device
begins to power up, as long as CS is held low until after the
falling edge of the 10th SCLK. The required power-up time must
elapse before a conversion can be initiated, as shown in Figure
18.
SCLK
CS
DOUTA
DOUTB
INVALID DATA
VALID DATA
110
14
14
1
THE PART BEGINS
TO POWER UP.
THE PART IS FULLY
POWERED UP; SEE
POWER-UP TIMES
SECTION.
tPOWER-UP1
Figure 16. Exiting Partial Power-Down Mode
THREE-STATE
110
14
2
SCLK
CS
DOUTA
DOUTB
THREE-STATE
110
14
2
INVALID DATA
INVALID DATA
THE PART BEGINS
TO POWER UP.
THE PART ENTERS
PARTIAL POWER DOWN.
THE PART ENTERS
FULL POWER DOWN.
Figure 17. Entering Full Power-Down Mode
SCLK
DOUTA
DOUTB
INVALID DATA
VALID DATA
1
10
14
14
1
THE PART BEGINS
TO POWER UP.
THE PART IS FULLY POWERED UP,
SEE POWER-UP TIMES SECTION.
tPOWER-UP2
CS
Figure 18. Exiting Full Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com