Electronic Components Datasheet Search
  English  ▼

X  

OSD2002-2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # OSD2002-2
Description  PLED 20x2 Character Module Specifications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OSD2002-2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button OSD2002-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 10Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 11Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 12Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 13Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
4-BIT INTERFACE
The following procedures are followed during the initialization of a 4-bit MPU
Power ON
WAIT FOR MORE THAN
15ms AFTER
THE VDD RISES TO 4.5V
RS
R/W
DB7
DB6
DB5
DB4
BF CANNOT BE CHECKED BEFORE THIS INSTRUCTION.
0
0
0
0
1
1
FUNCTION SET (INTERFACE IS 8 BITS LONG.)
WAIT FOR MORE THAN 4.1ms
RS
R/W
DB7
DB6
DB5
DB4
BF CANNOT BE CHECKED BEFORE THIS INSTRUCTION.
0
0
0
0
1
1
FUNCTION SET (INTERFACE IS 8 BITS LONG.)
WAIT FOR MORE THAN 100 us
RS
R/W
DB7
DB6
DB5
DB4
BF CANNOT BE CHECKED BEFORE THIS INSTRUCTION.
0
0
0
0
1
1
FUNCTION SET (INTERFACE IS 8 BITS LONG.)
RS
R/W
DB7
DB6
DB5
DB4
BF CAN BE CHECKED AFTER THE FOLLOWING INSTRUCTIONS.
0
0
0
0
1
0
WHEN THE BF IS NOT CHECKED, THE WAITING TIME BETWEEN
0
0
0
0
1
0
THE INSTRUCTIONS IS LONGER THAN THE TIME IT TAKES FOR
0
0
N
F
*
*
THE INSTRUCTION TO BE EXECUTED.
0
0
0
0
0
0
FUNCTION SET (SET INTERFACE IS 4 BIT LONG)
0
0
1
0
0
0
INTERFACE IS 8 BITS LONG
0
0
0
0
0
0
FUNCTION SET (INTERFACE IS 4 BIT LONG. SPECIFY THE
0
0
0
0
0
1
NUMBEROF DISPLAY LINES AND CHARACTER FONT).
0
0
0
0
0
0
THE NUMBER OF DISPLAY LINES AND CHARACTER FONT
0
0
0
1
I/D
S
CANNOT BE CHANGED AFTER THIS POINT.
DISPLAY OFF
DISPLAY CLEAR
END OF INITIALIZATION
END OF INITIALIZATION ENTRY MODE SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com