Electronic Components Datasheet Search
  English  ▼

X  

OSD2002-2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OSD2002-2
Description  PLED 20x2 Character Module Specifications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OSD2002-2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OSD2002-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers OSD2002-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
3.4
Display Data RAM (DDRAM)
The Display Data RAM (DDRAM) is used to store the Display Data that is represented
as 8-bit character code. The Display Data RAM supports an extended capacity of 80 x
8-bits or 80 characters.
00 01 02 03 04 05
22 23 24 25 26 27
DDRAM
Address (Hex) 40 41 42 43 44 45
……
…… 62 63 64 65 66 67
To illustrate, for 2-line x 20 characters display, the relationship between the DDRAM
address and position of the PLED panel is shown below.
Display
Position
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 11 12 13
DDRAM
Address 40 41 42 43 44 45 46 47 48 49 4A 4B 4C 4D 4E 4F 50 51 52 53
For shift left
01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 10 11 12 13 14
DDRAM
Address 41 42 43 44 45 46 47 48 49 4A 4B 4C 4D 4E 4F 50 51 52 53 54
For shift right
27 00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 50 51 52
DDRAM
Address 67 40 41 42 43 44 45 46 47 48 49 4A 4B 4C 4D 4E 50 51 52 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com