Electronic Components Datasheet Search
  English  ▼

X  

OM7609SC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OM7609SC
Description  ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM7609SC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OM7609SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7609SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7609SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7609SC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.3 - 149
3.3
OM7608SC - OM7610SC
ELECTRICAL CHARACTERISTICS: -15 Volt Output (OM7610SC)TJ = -55 C to + 125 C
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VOUT
TJ = 25°C, VIN = 23 V, IO = 5 mA
-14.70
-15.00
-15.30
V
18 V VIN 35 V, 5 mA IO 3 A; P 25 W
-14.58
-15.00
-15.42
Line Regulation (Note 1)
18 V VIN 35 V, TJ = 25°C
-
10
75
mV
Load Regulation (Note 1)
5 mA IO 3.0 A, TJ = 25°C
-
50
100
mV
Thermal Regulation
TA = 25°C, 20 mS Pulse
-
.002
.02
%/W
Ripple Rejection
f = 120 Hz; VOUT = 15 V
-
66
-
dB
Miminum Load Current
VIN = 35 V
-
-
15
mA
Current Limit
VIN = -23 V
3
4.3
-
A
Temperature Stability
-55°C T +150°C
-
-
2.0
%
RMS Output Noise (% of VOUT)TA = 25°C, 10 Hz f 10 kHz
-
.005
-
%
Note 1: Regulation is measured at a constant TJ. Changes in output due to heating must be taken into account separately.
Pulse testing with low duty cycle is used.
Current Limit
Dropout Voltage
Ripple Rejection
6
5
4
3
2
1
0
0
5 10 15 20 25 30 35
Input-Output Differential (V)
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
0.5 1.0 1.5 2.0 2.5 3.0
Output Current (A)
T
J = -55°C
T
J = -25°C
T
J = -150°C
100
80
60
40
20
0
10
100
1k
10k 100k 1M
Frequency (Hz)
C
ADJ = 0
V
IN = -15 V
V
OUT = -10 V
I
L = 500mA, TJ = 25°C
C
ADJ = 10µF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com