Electronic Components Datasheet Search
  English  ▼

X  

OM7609SC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OM7609SC
Description  ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM7609SC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OM7609SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7609SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7609SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7609SC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3.3
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
OM7608SC - OM7610SC
MECHANICAL OUTLINE
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.200 TYP.
.550
.530
.270
.240
.045
.035
.140 TYP.
.092 MAX.
.065
.055
.005
Tab
12
3
NOTES:
• Case is metal/hermetically sealed
• Isolated Tab
• This device is also available in a
TO-257AA package. Call the factory
for test conditions and limits.
Front View
Pin 1: Ground
Pin 2: Input
Pin 3: Output
Tab:
Isolated
-V
OUT
-V
IN
5µF
2µF
OM7608SC
OM7609SC
OM7610SC
+V
OUT
+V
IN
-V
OUT
-V
IN
1µF
1µF
OM7605SC
OM7606SC
OM7607SC
5µF
2µF
OM7608SC
OM7609SC
OM7610SC
PIN CONNECTION
3 Amp Regulator
Dual Regulator
TYPICAL APPLICATIONS
+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com