Electronic Components Datasheet Search
  English  ▼

X  

MAX98502 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX98502
Description  Boosted 2.2W Class D Amplifier with Automatic Level Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98502 Datasheet(HTML) 2 Page - Analog Devices

  MAX98502 Datasheet HTML 1Page - Analog Devices MAX98502 Datasheet HTML 2Page - Analog Devices MAX98502 Datasheet HTML 3Page - Analog Devices MAX98502 Datasheet HTML 4Page - Analog Devices MAX98502 Datasheet HTML 5Page - Analog Devices MAX98502 Datasheet HTML 6Page - Analog Devices MAX98502 Datasheet HTML 7Page - Analog Devices MAX98502 Datasheet HTML 8Page - Analog Devices MAX98502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2 ______________________________________________________________________________________
Boosted 2.2W Class D Amplifier
with Automatic Level Control
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VBAT to AGND.........................................................-0.3V to +6V
VCCOUT to BSTPGND, AGND.................................-0.3V to +6V
PVDD to SPKPGND.................................................-0.3V to +6V
BSTPGND, SPKPGND to AGND ......................... -0.3V to +0.3V
GAIN to AGND ........................................ -0.3V to (VBAT + 0.3V)
SDBST, SDSPK to AGND........................................-0.3V to +6V
All Other Pins (excluding LX) to AGND ..................-0.3V to +6V
Current Into/Out of LX, VCCOUT, BSTPGND..................... Q3.9A
Continuous Current Into/Out of SPK_, PVDD,
SPKPGND.................................................................. Q800mA
Continuous Input Current (all other pins)........................ Q20mA
Duration of Short Circuit Between VCCOUT
and BSTPGND...................................................... Continuous
Duration of SPK_ Short Circuit to PVDD or
SPKPGND..............................................................Continuous
Duration of Short Circuit Between SPKP
and SPKN ..............................................................Continuous
Continuous Power Dissipation, Multilayer Board (TA = +70NC)
WLP (derate 20.4mW/NC above +70NC)........................1.33W
Junction Temperature .....................................................+150NC
Operating Temperature Range.......................... -40NC to +85NC
Storage Temperature Range............................ -65NC to +150NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS
(VBAT = 3.6V, RL = J between SPKP and SPKN, AV = +6dB, CIN = 1FF, 20Hz to 22kHz AC measurement bandwidth, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
WLP
Junction-to-Ambient Thermal Resistance (
qJA) ..........49°C/W
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Rejection Ratio
(Note 3)
PSRR
TA = +25NC, VBAT = 2.5V to 5.5V
95
dB
Quiescent Current
IVBAT
TA = +25NC, SDSPK = SDBST = VBAT
3.7
mA
TA = +25NC, VSDSPK = 0V, SDBST = VBAT
0.1
0.15
IPVDD
TA = +25NC, PVDD = 5.55V, SDSPK =
SDBST = VBAT
1.7
2.7
Combined Efficiency
E
POUT = 1.7W, f = 1kHz, ZSPK = 8I + 68FH
87
%
Shutdown Current
ISHDN
VSDSPK = VSDBST = 0V, TA = +25NC
0.04
1.5
F
A
Turn-On Time
tON
Time from power-on to full operation
10
12
ms
BOOST CONVERTER
Battery Supply Voltage Range
VBAT
2.5
5.5
V
Soft-Start Interval
tON
5.6
ms
Undervoltage Lockout
UVLO
VBAT falling
2.1
2.2
2.3
V
Boost Converter Output Voltage
VVCCOUT ILOAD = 0mA
5.45
5.5
5.65
V
Output Current Limit
IMAX
VBAT R = 3.6V
1.5
A
Input Current Limit
ILIMIT
Startup, VCCOUT = 0V
0.3
0.5
A
nMOS Current Limit
ILX,MAX
3.3
A
pMOS Turn-Off Current Limit
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com