Electronic Components Datasheet Search
  English  ▼

X  

MAX98502 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX98502
Description  Boosted 2.2W Class D Amplifier with Automatic Level Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX98502 Datasheet(HTML) 3 Page - Analog Devices

  MAX98502 Datasheet HTML 1Page - Analog Devices MAX98502 Datasheet HTML 2Page - Analog Devices MAX98502 Datasheet HTML 3Page - Analog Devices MAX98502 Datasheet HTML 4Page - Analog Devices MAX98502 Datasheet HTML 5Page - Analog Devices MAX98502 Datasheet HTML 6Page - Analog Devices MAX98502 Datasheet HTML 7Page - Analog Devices MAX98502 Datasheet HTML 8Page - Analog Devices MAX98502 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
_______________________________________________________________________________________ 3
Boosted 2.2W Class D Amplifier
with Automatic Level Control
ELECTRICAL CHARACTERISTICS (continued)
(VBAT = 3.6V, RL = J between SPKP and SPKN, AV = +6dB, CIN = 1FF, 20Hz to 22kHz AC measurement bandwidth, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Frequency
fS
1.8
2.0
2.2
MHz
Efficiency
E
0.1A P IOUT P 0.75A
93
%
Startup Short-Circuit Time
Converter latch off
50
ms
Thermal Shutdown
165
N
C
LX Leakage Current
VLX = 0V or 5.5V,
VCCOUT = 5.5V
TA = +25NC
-1.0
+0.1
+1.0
F
A
-40NC P TA P +85NC
0.1
SPEAKER AMPLIFIER
Output Offset Voltage
VOS
TA = +25NC
1
3
mV
Click-and-Pop Level
KCP
Peak voltage, TA =
+25NC, A-weighted, 32
samples per second,
ZSPK = 8I + 68FH,
(Notes 3, 4)
Into shutdown
-56
dBV
Out of shutdown
-56
Output Power (Note 5)
POUT
ZSPK = 4I + 33FH
THD+N P 1%
3.4
W
THD+N P 10%
4.1
ZSPK = 8I + 68FH
THD+N P 1%
1.7
THD+N P 10%
2.2
Total Harmonic Distortion Plus
Noise
THD+N
f = 1kHz, POUT = 1.7W, TA = +25NC,
ZSPK = 4I + 33FH
0.05
%
f = 1kHz, POUT = 850mW, TA = +25NC,
ZSPK = 8I + 33FH
0.04
Output Switching Frequency
300
kHz
Gain
AV
GAIN = AGND
5.5
6
6.5
dB
GAIN = unconnected
15
15.5
16
GAIN = VBAT
19.5
20
20.5
Output Current Limit
2
A
Efficiency
E
POUT = 1.5W, f = 1kHz, ZSPK = 8I + 68FH
92
%
POUT = 1.5W, f = 1kHz, ZSPK = 4I + 33FH
87
Output Noise
A-weighted
43
F
VRMS
Input Resistance
RIN
SDBST = SDSPK =
VBAT
AV = 6dB
(GAIN = AGND)
36
54
72
kI
AV = 15.5dB
(GAIN =
unconnected)
12
18
26
AV = 20dB
(GAIN = VBAT)
6.5
11
16
VSDBST = VSDSPK = 0V
All gain settings
110
Common-Mode Rejection Ratio
CMRR
f = 1kHz
60
dB
Bias Voltage
VBIAS
1.3
1.4
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com