Electronic Components Datasheet Search
  English  ▼

X  

ATS612LSB Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS612LSB
Description  Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSB Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS612LSB_1 Datasheet HTML 3Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 4Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 5Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 6Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 7Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 8Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 9Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 10Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS612LSB
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
6
TYPICAL OPERATING CHARACTERISTICS
(with reference target)
1.2
0.5
1.5
2.5
AIR GAP IN MILLIMETERS
Dwg. GH-008-7
1.0
2.0
3.0
0
2.0
1.6
0.8
0.4
0
-40
°C
+25
°C
+150
°C
1000 RPM
TRAILING TARGET EDGE
1.2
0.5
1.5
2.5
AIR GAP IN MILLIMETERS
Dwg. GH-008-6
1.0
2.0
3.0
0
2.0
1.6
0.8
0.4
0
SIGNATURE TOOTH
10 RPM
TRAILING TARGET EDGE
-40
°C
+25
°C
+150
°C
1.2
0.5
1.5
2.5
AIR GAP IN MILLIMETERS
Dwg. GH-008-5
1.0
2.0
3.0
0
2.0
1.6
0.8
0.4
0
SIGNATURE TOOTH
10 RPM
LEADING TARGET EDGE
-40
°C
+25
°C
+150
°C
1.2
0.5
1.5
2.5
AIR GAP IN MILLIMETERS
Dwg. GH-008-8
1.0
2.0
3.0
0
2.0
1.6
0.8
0.4
0
1000 RPM
LEADING TARGET EDGE
-40
°C
+25
°C
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com