Electronic Components Datasheet Search
  English  ▼

X  

ATS612LSB Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ATS612LSB
Description  Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612LSB Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ATS612LSB_1 Datasheet HTML 8Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 9Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 10Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 11Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 12Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 13Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 14Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 15Page - Allegro MicroSystems ATS612LSB_1 Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ATS612LSB
DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING,
DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
11
www.allegromicro.com
CRITERIA FOR DEVICE QUALIFICATION
All Allegro sensors are subjected to stringent qualification requirements prior to being released to production. To
become qualified, except for the destructive ESD tests, no failures are permitted.
Test Method and
Samples
Qualification Test
Test Conditions
Test Length
Per Lot
Comments
Temperature Humidity
JESD22-A101,
1000 hrs
77
Device biased for
Bias Life
TA = 85°C, RH = 85%
minimum power
Bias Life
JESD22-A108,
1000 hrs
77
TA = 150°C, TJ = 165°C
(Surge Operating Life)
JESD22-A108,
168 hrs
77
TA = 175°C, TJ = 190°C
Autoclave, Unbiased
JESD22-A102,
96 hrs
77
TA = 121°C, 15 psig
High-Temperature
JESD22-A103,
1000 hrs
77
(Bake) Storage Life
TA = 170°C
Temperature Cycle
JESD22-A104
1000 cycles
77
-55
°C to +150°C
ESD,
CDF-AEC-Q100-002
Pre/Post
3 per
Test to failure
Human Body Model
Reading
test
Pin 3 > 1.5 kV
All other pins > 3 kV
GEAR/TARGET SYSTEM EVALUATION*
An analog map of the magnetic signal can be
obtained by measuring the voltage at pin 3 (the capacitor
pin) while the device is running. The peak and valley hold
voltage will represent the peak-to-peak value of the signal.
More accurate measurements can be taken by connecting
an extremely small capacitor (0.05
µF) from pin 3 to
ground. After the device is powered up and has switched
at least 64 times, a 1 k
Ω bleed-off resistor should be
installed in parallel with the capacitor without powering
down the device. If the gear is then rotated at an ex-
tremely low speed, an analog representation of the gain-
adjusted signal can be measured at pin 3. Note that the
device should be re-powered at each air gap and the
above procedure repeated for accurate measurements. In
both cases, the analog signal may be compared to the
typical hysteresis of the device and device performance
can be estimated.
* In application, the terms “gear” and “target” are often
interchanged. However, “gear” is preferred when motion
is transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com