Electronic Components Datasheet Search
  English  ▼

X  

CY28331 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY28331
Description  Clock Generator for AMD??Hammer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28331 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY28331 Datasheet HTML 7Page - Cypress Semiconductor CY28331 Datasheet HTML 8Page - Cypress Semiconductor CY28331 Datasheet HTML 9Page - Cypress Semiconductor CY28331 Datasheet HTML 10Page - Cypress Semiconductor CY28331 Datasheet HTML 11Page - Cypress Semiconductor CY28331 Datasheet HTML 12Page - Cypress Semiconductor CY28331 Datasheet HTML 13Page - Cypress Semiconductor CY28331 Datasheet HTML 14Page - Cypress Semiconductor CY28331 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
CY28331
Document #: 38-07491 Rev. *E
Page 11 of 17
Absolute Maximum Ratings
Parameter
Description
Conditions
Min.
Max.
Unit
VDD, VDDA, VDDF
Supply Voltage
Non-functional
–0.5
4.6
V
VIN
Input Voltage
Functional
–0.5
VDD + 0.5
V
TS
Storage Temperature
Non-functional
–65
+150
°C
TJ
Temperature, Junction
Functional
+150
°C
ØJC
Dissipation, Junction to Case
Mil-Spec 883E Method 1012.1
32.78
°C/W
ØJA
Dissipation, Junction to Ambient
JEDEC (JESD 51)
73.61
°C/W
ESDh
ESD Protection (Human Body Model)
MIL-STD-883, Method 3015
> 2,000
V
Ul-94
Flammability Rating
V–0 @1/8 in.
10
ppm
MSL
Moisture Sensitivity Level
1
Recommended Operating Conditions
Parameter
Description
Min.
Typ.
Max.
Unit
VDD, VDDA, VDDF
Supply Voltage
3.135
3.3
3.465
V
TA
Operating Temperature, Ambient
0
70
°C
FXIN
Input Frequency (Crystal or Reference)
10
14.318
16
MHz
SCLK and SDATA Input Electrical Characteristics (5V-tolerant)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
VSS – 0.5
0.8
V
VIH
Input High Voltage
2.0
VDD + 0.3
V
IIL, IIH
Input High/Low Current
0 < VIN < VDD
±5
µA
VOL
Output High Voltage
IOL = 1.75 mA
VSS – 0.3
0.4
V
IOL
Output Low Current
VO = 0.8V
2
6
mA
DC Electrical Specifications (All outputs loaded)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
VSS – 0.5
0.8
V
VIH
Input High Voltage
2.0
VDD + 0.5
V
IIL
Input Low Current
@VIL = VSS, except PU and PD
–5
µA
IIH
Input High Current
@VIH = VDD, except PU and PD
5
µA
LTSL
Three-state Leakage Current
10
µA
IDD3.3V
Dynamic Supply Current
CPU(0:1) @ 200 MHz
250
mA
IPD3.3V
Power-down Supply Current
2
mA
CIN
Input Pin Capacitance
Except XIN and XOUT
5
pF
COUT
Output Pin Capacitance
6
pF
LPIN
Pin Inductance
7nH
CXTAL
Crystal Pin Capacitance
Measured from Pin to Ground.
27
36
45
pF
VBIAS
Crystal DC Bias Voltage
0.3VDD
VDD/2
0.7VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com