Electronic Components Datasheet Search
  English  ▼

X  

CY28331 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY28331
Description  Clock Generator for AMD??Hammer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28331 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY28331 Datasheet HTML 8Page - Cypress Semiconductor CY28331 Datasheet HTML 9Page - Cypress Semiconductor CY28331 Datasheet HTML 10Page - Cypress Semiconductor CY28331 Datasheet HTML 11Page - Cypress Semiconductor CY28331 Datasheet HTML 12Page - Cypress Semiconductor CY28331 Datasheet HTML 13Page - Cypress Semiconductor CY28331 Datasheet HTML 14Page - Cypress Semiconductor CY28331 Datasheet HTML 15Page - Cypress Semiconductor CY28331 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
CY28331
Document #: 38-07491 Rev. *E
Page 12 of 17
AC Electrical Specifications
Parameter
Description
Test Condition
PCI133_HT66 = 66MHz
Min.
Typ.
Max.
Unit
Hammer CPU
TR
Output Rise Edge Rate
Measured @ the Hammer test load using
VOCM ± 400 mV, 0.850V to 1.650V
27
V/ns
TF
Output Fall Edge Rate
Measured @ the Hammer test load using
VOCM ± 400 mV, 1.650V to 0.850V
27
V/ns
VDIFF
Differential Voltage
Measured @ the Hammer test load
(single-ended)
0.41.252.3
V
∆DIFF
Change in VDIFF_DC Magnitude
Measured @ the Hammer test load
(single-ended)
–150
150
mV
VCM
Common Mode Voltage
Measured @ the Hammer test load
(single-ended)
1.05
1.25
1.45
V
∆VCM
Change in VCM
Measured @ the Hammer test load
(single-ended)
–200
200
mV
TDC
Duty Cycle
Measured at VOX
45
50
53
%
TCYC
Jitter, Cycle to Cycle
Measured at VOX
0
100
200
ps
TACCUM
Jitter, Accumulated
Measured at VOX
–1000
1000
ps
TFS
Frequency Stabilization from
Power-up
Measure from full supply voltage
0
3
ms
RON
Output Impedance
Average value during switching transition
15
35
55
W
PCI/HyperTransport Clock Outputs
VOL
Output Low Voltage
IOL = 9.0 mA
0.4
V
VOH
Output High Voltage
IOH = –12.0 mA
2.4
V
IOL
Output Low Current
VO = 0.8V
10
mA
IOH
Output High Current
VO = 2.0V
–15
mA
F33
Frequency Actual
33.33
MHz
F66
66.67
MHz
TR
Output Rise Edge Rate
Measured from 20% to 60%
0.5
4
V/ns
TF
Output Fall Edge Rate
Measured from 60% to 20%
0.5
4
V/ns
TDC
Duty Cycle
Measured at 1.5V
45
55
%
TCCJ
Cycle-to-Cycle Jitter
Measured at 1.5V
0
400
ps
TLTJ
Long Term Jitter
Measured at 1.5V
–1000
1000
ps
REF(0:2) Clock Outputs
VOL
Output Low Voltage
IOL = 9.0 mA
0.4
V
VOH
Output High Voltage
IOH = –12.0 mA
2.4
V
IOL
Output Low Current
VO = 0.8V
16
mA
IOH
Output High Current
VO = 2.0V
–22
mA
F
Frequency, Actual
14.318
MHz
TR
Output Rise Edge Rate
Measured from 20% to 60%
0.5
2
V/ns
TF
Output Fall Edge Rate
Measured from 60% to 20%
0.5
2
V/ns
TDC
Duty Cycle
Measured at 1.5V
45
55
%
TCCJ
Cycle-to-Cycle Jitter
Measured at 1.5V
0
500
1000
ps
TLTJ
Long-term Jitter
Measured at 1.5V
–1000
1000
ps
TFS
Frequency Stabilization from
Power-up
Measure from full supply voltage
0
3
mS
RON
Output Impedance
Average value during switching transition
20
24
60
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com