Electronic Components Datasheet Search
  English  ▼

X  

CY29350AI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY29350AI
Description  2.5V or 3.3V, 200-MHz, 9-Output Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29350AI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY29350AI Datasheet HTML 1Page - Cypress Semiconductor CY29350AI Datasheet HTML 2Page - Cypress Semiconductor CY29350AI Datasheet HTML 3Page - Cypress Semiconductor CY29350AI Datasheet HTML 4Page - Cypress Semiconductor CY29350AI Datasheet HTML 5Page - Cypress Semiconductor CY29350AI Datasheet HTML 6Page - Cypress Semiconductor CY29350AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CY29350
Document #: 38-07474 Rev. *A
Page 4 of 7
AC Electrical Specifications (VDD = 2.5V ± 5%, TA = –40°C to +85°C) [6]
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
fVCO
VCO Frequency
200
–
380
MHz
fin
Input Frequency
÷16 Feedback
12.5
–
23.75
MHz
÷32 Feedback
6.25
–
11.87
Bypass mode (PLL_EN = 0)
0
–
200
fXTAL
Crystal Oscillator Frequency
10
–
23.75
MHz
frefDC
Input Duty Cycle
25
–
75
%
tr , tf
TCLK Input Rise/FallTime
0.7V to 1.7V
–
–
1.0
ns
fMAX
Maximum Output Frequency
÷2 Output
100
–
190
MHz
÷4 Output
50
–
95
÷8 Output
25
–
47.5
DC
Output Duty Cycle
fMAX < 100 MHz
47.5
–
52.5
%
fMAX > 100 MHz
45
–
55
tr , tf
Output Rise/Fall times
0.6V to 1.8V
0.1
–
1.0
ns
tsk(O)
Output-to-Output Skew
–
–
150
ps
tPLZ, HZ
Output Disable Time
–
–
10
ns
tPZL, ZH
Output Enable Time
–
–
10
ns
BW
PLL Closed Loop Bandwidth (-3dB)
÷16 Feedback
–
0.7 - 0.9
–
MHz
÷32 Feedback
–
0.6 - 0.8
–
tJIT(CC)
Cycle-to-Cycle Jitter
Same frequency
–
–
150
ps
Multiple frequencies
–
–
250
tJIT(PER)
Period Jitter
Same frequency
–
–
100
ps
Multiple frequencies
–
–
175
tLOCK
Maximum PLL Lock Time
–
–
1
ms
AC Electrical Specifications (VDD = 3.3V ± 5%, TA = –40°C to +85°C) [6]
Parameter
Description
Condition
Min.
Typ.
Max.
Unit
fVCO
VCO Frequency
200
–
500
MHz
fin
Input Frequency
÷16 Feedback
12.5
–
31.25
MHz
÷32 Feedback
6.25
–
15.625
Bypass mode (PLL_EN = 0)
0
–
200
fXTAL
Crystal Oscillator Frequency
10
–
25
MHz
frefDC
Input Duty Cycle
25
–
75
%
tr , tf
TCLK Input Rise/FallTime
0.8V to 2.0V
–
–
1.0
ns
fMAX
Maximum Output Frequency
÷2 Output
100
–
200
MHz
÷4 Output
50
–
125
÷8 Output
25
–
62.5
DC
Output Duty Cycle
fMAX < 100 MHz
47.5
–
52.5
%
fMAX > 100 MHz
45
–
55
tr , tf
Output Rise/Fall times
0.8V to 2.4V
0.1
–
1.0
ns
tsk(O)
Output-to-Output Skew
Banks at same voltage
–
–
150
ps
tsk(B)
Bank-to-Bank Skew
Banks at different voltages
–
–
350
ps
tPLZ, HZ
Output Disable Time
–
–
10
ns
tPZL, ZH
Output Enable Time
–
–
10
ns
Note:
6.
AC characteristics apply for parallel output termination of 50
Ω to VTT. Parameters are guaranteed by characterization and are not 100% tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com