Electronic Components Datasheet Search
  English  ▼

X  

CY29350AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29350AI
Description  2.5V or 3.3V, 200-MHz, 9-Output Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29350AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29350AI Datasheet HTML 1Page - Cypress Semiconductor CY29350AI Datasheet HTML 2Page - Cypress Semiconductor CY29350AI Datasheet HTML 3Page - Cypress Semiconductor CY29350AI Datasheet HTML 4Page - Cypress Semiconductor CY29350AI Datasheet HTML 5Page - Cypress Semiconductor CY29350AI Datasheet HTML 6Page - Cypress Semiconductor CY29350AI Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY29350
Document #: 38-07474 Rev. *A
Page 2 of 7
Pin Definitions[1]
Pin
Name
I/O
Type
Description
8XOUT
O
Analog
Oscillator Output. Connect to a crystal.
9XIN
I
Analog
Oscillator Input. Connect to a crystal.
30
TCLK
I, PD
LVCMOS
LVCMOS/LVTTL reference clock input
28
QA
O
LVCMOS
Clock output bank A
26
QB
O
LVCMOS
Clock output bank B
22, 24
QC(1:0)
O
LVCMOS
Clock output bank C
12, 14, 16, 18, 20
QD(4:0)
O
LVCMOS
Clock output bank D
2
FB_SEL
I, PD
LVCMOS
Internal Feedback Select Input. See Table 1.
10
OE#
I, PD
LVCMOS
Output enable/disable input. See Table 2.
31
PLL_EN
I, PU
LVCMOS
PLL enable/disable input. See Table 2.
32
REF_SEL
I, PD
LVCMOS
Reference select input. See Table 2.
3, 4, 5, 6
SEL(A:D)
I, PD
LVCMOS
Frequency select input, Bank (A:D). See Table 2.
27
VDDQB
Supply
VDD
2.5V or 3.3V Power supply for bank B output clock[2,3]
23
VDDQC
Supply
VDD
2.5V or 3.3V Power supply for bank C output clocks[2,3]
15, 19
VDDQD
Supply
VDD
2.5V or 3.3V Power supply for bank D output clocks[2,3]
1
AVDD
Supply
VDD
2.5V or 3.3V Power supply for PLL[2,3]
11
VDD
Supply
VDD
2.5V or 3.3V Power supply for core, inputs, and bank A output
clock[2,3]
7
AVSS
Supply
Ground
Analog ground
13, 17, 21, 25, 29
VSS
Supply
Ground
Common ground
Table 1. Frequency Table
FB_SEL
Feedback Divider
VCO
Input Frequency Range
(AVDD = 3.3V)
Input Frequency Range
(AVDD = 2.5V)
0
÷32
Input Clock * 32
6.25 MHz to 15.625 MHz
6.25 MHz to 11.875 MHz
1
÷16
Input Clock * 16
12.5 MHz to 31.25 MHz
12.5 MHz to 23.75 MHz
Table 2. Function Table
Control
Default
0
1
REF_SEL
0
Xtal
TCLK
PLL_EN
1
Bypass mode, PLL disabled. The input
clock connects to the output dividers
PLL enabled. The VCO output connects to the
output dividers
OE#
0
Outputs enabled
Outputs disabled (three-state)
FB_SEL
0
Feedback divider
÷ 32
Feedback divider
÷ 16
SELA
0
÷ 2 (Bank A)
÷ 4 (Bank A )
SELB
0
÷ 4 (Bank B)
÷ 8 (Bank B)
SELC
0
÷ 4 (Bank C)
÷ 8 (Bank C)
SELD
0
÷ 4 (Bank D)
÷ 8 (Bank D)
Notes:
1.
PU = Internal pull-up, PD = Internal pull-down.
2.
A 0.1
µF bypass capacitor should be placed as close as possible to each positive power pin (<0.2”). If these bypass capacitors are not close to the pins their
high frequency filtering characteristics will be cancelled by the lead inductance of the traces.
3.
AVDD and VDD pins must be connected to a power supply level that is at least equal or higher than that of VDDQB, VDDQC, and VDDQD output power supply
pins.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com