Electronic Components Datasheet Search
  English  ▼

X  

CY29972AXIT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29972AXIT
Description  3.3V, 125-MHz Multi-Output Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972AXIT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29972AXIT Datasheet HTML 1Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 2Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 3Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 4Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY29972
Document #: 38-07290 Rev. *C
Page 2 of 8
Pin Description[2]
Pin
Name
PWR
I/O
Type
Description
11
XIN
I
Oscillator Input. Connect to a crystal.
12
XOUT
O
Oscillator Output. Connect to a crystal.
9TCLK0
IPU
External Reference/Test Clock Input.
10
TCLK1
IPU
External Reference/Test Clock Input.
44, 46, 48, 50
QA(3:0)
VDDC
O
Clock Outputs. See Table 2 for frequency selections.
32, 34, 36, 38
QB(3:0)
VDDC
O
Clock Outputs. See Table 2 on page 3 for frequency selections.
16, 18, 21, 23
QC(3:0)
VDDC
O
Clock Outputs. See Table 2 on page 3 for frequency selections.
29
FB_OUT
VDDC
O
Feedback Clock Output. Connect to FB_IN for normal operation.
The divider ratio for this output is set by FB_SEL(0:2). See Table 1
on page 1. A bypass delay capacitor at this output will control Input
Reference/ Output Banks phase relationships.
25
SYNC
VDDC
O
Synchronous Pulse Output. This output is used for system
synchronization. The rising edge of the output pulse is in sync with
both the rising edges of QA (0:3) and QC(0:3) output clocks
regardless of the divider ratios selected.
42, 43
SELA(1,0)
I
PU
Frequency Select Inputs. These inputs select the divider ratio at
QA(0:3) outputs. See Table 2.
40, 41
SELB(1,0)
I
PU
Frequency Select Inputs. These inputs select the divider ratio at
QB(0:3) outputs. See Table 2.
19, 20
SELC(1,0)
I
PU
Frequency Select Inputs. These inputs select the divider ratio at
QC(0:3) outputs. See Table 2.
5, 26, 27
FB_SEL(2:0)
I
PU
Feedback Select Inputs. These inputs select the divide ratio at
FB_OUT output. See Table 1 on page 1.
52
VCO_SEL
I
PU
VCO Divider Select Input. When set LOW, the VCO output is
divided by 2. When set HIGH, the divider is bypassed. See Table 1
on page 1.
31
FB_IN
I
PU
Feedback Clock Input. Connect to FB_OUT for accessing the PLL.
6
PLL_EN
I
PU
PLL Enable Input. When asserted HIGH, PLL is enabled; when
LOW, PLL is bypassed.
7
REF_SEL
I
PU
Reference Select Input. When HIGH, the crystal oscillator is
selected; when LOW, TCLK (0,1) is the reference clock.
8
TCLK_SEL
I
PU
TCLK Select Input. When LOW, TCLK0 is selected and when HIGH
TCLK1 is selected.
2MR#/OE
I
PU
Master Reset/Output Enable Input. When asserted LOW, resets
all of the internal flip-flops and also disables all of the outputs. When
pulled high, releases the internal flip-flops from reset and enables all
of the outputs.
14
INV_CLK
I
PU
Inverted Clock Input. When set HIGH, QC(2,3) outputs are
inverted. When set LOW, the inverter is bypassed.
3SCLK
IPU
Serial Clock Input. Clocks data at SDATA into the internal register.
4SDATA
IPU
Serial Data Input. Input data is clocked to the internal register to
enable/disable individual outputs. This provides flexibility in power
management.
17, 22, 28,
33,37, 45, 49
VDDC
3.3V power supply for output clock buffers.
13
VDD
3.3V power supply for PLL.
1, 15, 24, 30,
35, 39, 47, 51
VSS
Common ground.
Note:
2. A bypass capacitor (0.1 mF) should be placed as close as possible to each positive power (< 0.2”). If these bypass capacitors are not close to the pins, their
high-frequency filtering characteristics will be cancelled by the lead inductance of the traces.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com