Electronic Components Datasheet Search
  English  ▼

X  

CY29972AXIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY29972AXIT
Description  3.3V, 125-MHz Multi-Output Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29972AXIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY29972AXIT Datasheet HTML 1Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 2Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 3Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 4Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29972AXIT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY29972
Document #: 38-07290 Rev. *C
Page 3 of 8
Description
The CY29972 has an integrated PLL that provides low skew
and low jitter clock outputs for high-performance micropro-
cessors. Three independent banks of four outputs and an
independent PLL feedback output (FB_OUT) provide excep-
tional flexibility for possible output configurations. The PLL is
ensured stable operation given that the VCO is configured to
run between 200 MHz and 480 MHz. This allows a wide range
of output frequencies up to125 MHz.
The phase detector compares the input reference clock to the
external feedback input. For normal operation, the external
feedback input (FB_IN) is connected to the feedback output
(FB_OUT). The internal VCO is running at multiples of the input
reference clock set by FB_SEL(0:2) and VCO_SEL select
inputs (refer to Frequency Table). The VCO frequency is then
divided to provide the required output frequencies. These
dividers are set by SELA(0,1), SELB(0,1), SELC(0,1) select
inputs (see Table 2 below). For situations were the VCO needs
to run at relatively low frequencies and hence might not be
stable, assert VCO_SEL low to divide the VCO frequency by
2. This will maintain the desired output relationships but will
provide an enhanced PLL lock range.
The CY29972 is also capable of providing inverted output
clocks. When INV_CLK is asserted HIGH, QC2 and QC3
output clocks are inverted. These clocks could be used as
feedback outputs to the CY29972 or a second PLL device to
generate early or late clocks for a specific design. This
inversion does not affect the output to output skew.
Glitch-Free Output Frequency Transitions
Customarily, when output buffers have their internal counters
changed “on the fly,” their output clock periods will:
1. contain short or “runt” clock periods. These are clock cycles
in which the cycle(s) are shorter in period than either the
old or new frequencies to which the cycles are being transi-
tioned.
2. contain stretched clock periods. These are clock cycles in
which the cycle(s) are longer in period than either the old
or new frequencies to which the cycles are being transi-
tioned.
This device specifically includes logic to guarantee that runt
and stretched clock pulses do not occur if the device logic
levels of any or all of the following pins changed “on the fly”
while it is operating: SELA, SELB, SELC, and VCO_SEL.
Table 2.
VCO_SEL
SELA1
SELA0
QA
SELB1
SELB0
QB
SELC1
SELC0
QC
0
0
0
VCO/8
0
0
VCO/8
0
0
VCO/4
0
0
1
VCO/12
0
1
VCO/12
0
1
VCO/8
0
1
0
VCO/16
1
0
VCO/16
1
0
VCO/12
0
1
1
VCO/24
1
1
VCO/20
1
1
VCO/16
1
0
0
VCO/4
0
0
VCO/4
0
0
VCO/2
1
0
1
VCO/6
0
1
VCO/6
0
1
VCO/4
1
1
0
VCO/8
1
0
VCO/8
1
0
VCO/6
1
1
1
VCO/12
1
1
VCO/10
1
1
VCO/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com