Electronic Components Datasheet Search
  English  ▼

X  

PDD0906 Datasheet(PDF) 1 Page - Potens Semiconductor Corp.

Part # PDD0906
Description  100V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDD0906 Datasheet(HTML) 1 Page - Potens Semiconductor Corp.

  PDD0906 Datasheet HTML 1Page - Potens Semiconductor Corp. PDD0906 Datasheet HTML 2Page - Potens Semiconductor Corp. PDD0906 Datasheet HTML 3Page - Potens Semiconductor Corp. PDD0906 Datasheet HTML 4Page - Potens Semiconductor Corp. PDD0906 Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Potens semiconductor corp.
Ver.1.01
1
PDD0906
100V N-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
100
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID
Drain Current – Continuous (TC=25℃)
15
A
Drain Current – Continuous (TC=100℃)
9.5
A
IDM
Drain Current – Pulsed
1
60
A
PD
Power Dissipation (TC=25℃)
50
W
Power Dissipation – Derate above 25℃
0.4
W/℃
TSTG
Storage Temperature Range
-50 to 150
℃
TJ
Operating Junction Temperature Range
-50 to 150
℃
BVDSS
RDSON
ID
100V
90m
15A
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃
/W
RθJC
Thermal Resistance Junction to Case
---
2.5
℃
/W
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
100V,15A, RDS(ON) =90mΩ@VGS = 10V
Improved dv/dt capability
Fast switching
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
Absolute Maximum Ratings Tc=25℃ unless otherwise noted
Thermal Characteristics
TO252 Pin Configuration
D
G
S
D
G
S
Networking
Load Switch
LED applications


Similar Part No. - PDD0906

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDD0903 POTENS-PDD0903 Datasheet
935Kb / 5P
100V P-Channel MOSFETs
Ver.1.05
PDD0904 POTENS-PDD0904 Datasheet
419Kb / 5P
100V N-Channel MOSFETs
Ver.1.01
PDD0905 POTENS-PDD0905 Datasheet
488Kb / 5P
100V P-Channel MOSFETs
Ver.1.00
More results

Similar Description - PDD0906

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD09N66 BWTECH-MSD09N66 Datasheet
586Kb / 6P
100V N-Channel MOSFETs
MSC09N74X BWTECH-MSC09N74X Datasheet
600Kb / 6P
100V N-Channel MOSFETs
logo
First Silicon Co., Ltd
FTK0906T FS-FTK0906T Datasheet
1,010Kb / 5P
100V N-Channel MOSFETs
FTK0954T FS-FTK0954T Datasheet
876Kb / 5P
100V N-Channel MOSFETs
FTK0966D FS-FTK0966D Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0970P FS-FTK0970P Datasheet
998Kb / 5P
100V N-Channel MOSFETs
FTK0976 FS-FTK0976 Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0976F FS-FTK0976F Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0966AD FS-FTK0966AD Datasheet
1Mb / 5P
100V N-Channel MOSFETs
FTK0974DFN56 FS-FTK0974DFN56 Datasheet
1Mb / 5P
100V N-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com