Electronic Components Datasheet Search
  English  ▼

X  

HA74 Datasheet(PDF) 4 Page - TT Electronics.

Part # HA74
Description  Low Profile SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HA74 Datasheet(HTML) 4 Page - TT Electronics.

  HA74 Datasheet HTML 1Page - TT Electronics. HA74 Datasheet HTML 2Page - TT Electronics. HA74 Datasheet HTML 3Page - TT Electronics. HA74 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Low Profile SMD Power Inductor
Model HA74
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue A
1/2019 Page 4
TT Electronics | BI Technologies
A-1445, Jalan Tanjung Api,
25050 Kuantan, Pahang Darul Makmur, Malaysia
Ph: +60 9 565 8888
Packaging and Ordering Information
HA74 - 05 100
LF TR
One reel
2000 pcs
One shipping carton
6 reels or 12000 pcs
Model Series
Model Size : 05x05
Inductance Code:
First 2 digits are significant
Last digit denotes the number of trailing zeros
For values below 10μH, “R” denotes the decimal point



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com