Electronic Components Datasheet Search
  English  ▼

X  

HA74 Datasheet(PDF) 1 Page - TT Electronics.

Part # HA74
Description  Low Profile SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HA74 Datasheet(HTML) 1 Page - TT Electronics.

  HA74 Datasheet HTML 1Page - TT Electronics. HA74 Datasheet HTML 2Page - TT Electronics. HA74 Datasheet HTML 3Page - TT Electronics. HA74 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© TT electronics plc
Issue A
1/2019 Page 1
TT Electronics | BI Technologies
A-1445, Jalan Tanjung Api,
25050 Kuantan, Pahang Darul Makmur, Malaysia
Ph:
+60 9 565 8888
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Low Profile SMD Power Inductor
Model HA74
Features:
•
Operating Temperature Range –50°C to +155°C
•
Temperature Rise, Maximum 40°C
•
RoHS Compliant
•
AEC-Q200 Certified
Part Number
Inductance
μH
(1)
Min
Typ
Max
Heating
Current
(2)
(A)
Typ
Isat
(3)
(Adc)
Typ
DCR
(4)
(mΩ)
Min
Typ.
Max
HA74-054R7LFTR
3.76
4.70
5.64
3.60
2.90
60.0
74.0
88.0
HA74-055R6LFTR
4.48
5.60
6.72
3.50
2.80
72.0
81.0
90.0
HA74-056R8LFTR
5.44
6.80
8.16
3.00
2.50
106.0
116.0
126.0
HA74-05100LFTR
8.00
10.00
12.00
2.50
2.00
157.0
164.0
171.0
HA74-05120LFTR
9.60
12.00
14.40
2.40
2.00
175.0
190.0
205.0
HA74-05150LFTR
12.00
15.00
18.00
2.00
1.80
204.0
217.0
230.0
HA74-05180LFTR
14.40
18.00
21.6
1.80
1.60
265.0
275.0
285.0
HA74-05220LFTR
17.60
22.00
26.40
1.60
1.40
295.0
305.0
315.0
HA74-05270LFTR
21.60
27.00
32.40
1.50
1.20
385.0
400.0
415.0
HA74-05330LFTR
26.40
33.00
39.60
1.40
1.20
410.0
440.0
470.0
Specifications @ 25°C
Notes:
(1) Inductance is measured at 100kHz, 0.1Vrms
(2) The Heating Current is the DC current which causes the component temperature to increase by approximately 40°C.
This current is determined by soldering the component on a typical application PCB, and then applying the current to the
device for 30 minutes
(3) The saturation current (Isat) is the approximate current at which the inductance will be decreased by 20% typical from
its initial (zero DC) value
(4) DCR is measured at room temperature 25°C


Similar Part No. - HA74

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
HA7425FP FARADAY-HA7425FP Datasheet
198Kb / 2P
HA SERIES HDTV FILTERS
HA7425SP FARADAY-HA7425SP Datasheet
198Kb / 2P
HA SERIES HDTV FILTERS
logo
Hitachi Semiconductor
HA74LS126A HITACHI-HA74LS126A Datasheet
49Kb / 6P
Quadruple Bus Buffer Gates
More results

Similar Description - HA74

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR363-102 DATATRONICS-DR363-102 Datasheet
76Kb / 1P
LOW PROFILE SHIELDED SMD POWER INDUCTOR
logo
Abracon Corporation
ASPI-XXXXHC ABRACON-ASPI-XXXXHC Datasheet
875Kb / 2P
SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
10.05.09
logo
RENCO ELECTRONICS, INC.
RL-3010 RENCO-RL-3010 Datasheet
425Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-3012 RENCO-RL-3012 Datasheet
426Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-3015 RENCO-RL-3015 Datasheet
425Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-4012 RENCO-RL-4012 Datasheet
426Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-9710 RENCO-RL-9710 Datasheet
421Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-9712 RENCO-RL-9712 Datasheet
421Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
RL-9720 RENCO-RL-9720 Datasheet
421Kb / 2P
LOW PROFILE SMD POWER INDUCTOR
logo
GuangDong Province Meng...
MTSNR5040 MENGCO-MTSNR5040 Datasheet
1Mb / 2P
Low profile SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com